Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2S005 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # M2S005
Description  FPGA and SoC Product Catalog
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

M2S005 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button M2S005 Datasheet HTML 6Page - Microsemi Corporation M2S005 Datasheet HTML 7Page - Microsemi Corporation M2S005 Datasheet HTML 8Page - Microsemi Corporation M2S005 Datasheet HTML 9Page - Microsemi Corporation M2S005 Datasheet HTML 10Page - Microsemi Corporation M2S005 Datasheet HTML 11Page - Microsemi Corporation M2S005 Datasheet HTML 12Page - Microsemi Corporation M2S005 Datasheet HTML 13Page - Microsemi Corporation M2S005 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
ProASIC3/E
I/Os Per Package
The low power, low-cost FPGA solution
The ProASIC3 series of flash FPGAs offers a breakthrough in power, price, performance, density and features for today’s most demanding high-volume applications.
ProASIC3 devices support the ARM Cortex-M1 processor, offering the benefits of programmability and time-to-market at low cost. ProASIC3 devices are based
on nonvolatile flash technology and support 30,000 to 3,000,000 gates and up to 620 high-performance I/Os. For automotive applications, selected ProASIC3
devices are qualified to the AEC-Q100 and are available with AEC T1 screening and PPAP documentation.
ProASIC3
Devices
A3P030 A3P060 A3P125
A3P250
A3P400
A3P600
A3P1000
A3PE600
A3PE1500
A3PE3000
ARM
Cortex-M1
Devices
M1A3P250*
M1A3P400
M1A3P600
M1A3P1000
M1A3PE1500
M1A3PE3000
I/O Type
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
Single-
Ended
I/O
Differen-
tial I/O
Pairs
QN48
34
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
QN68
49
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
QN132
81
80
84
87
19
—
—
—
—
—
—
—
—
—
—
—
—
CS121
—
96
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
VQ100
77
71
71
68
13
—
—
—
—
—
—
—
—
—
—
—
—
TQ144
—
91
100
—
—
—
—
—
—
—
—
—
—
—
—
—
—
PQ208
—
—
133
151
34
151
34
154
35
154
35
147
65
147
65
147
65
FG144
—
96
97
97
24
97
25
97
25
97
25
—
—
—
—
—
—
FG256
—
—
—
157
38
178
38
177
43
177
44
165
79
—
—
—
—
FG324
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
221
110
FG484
—
—
—
—
—
194
38
235
60
300
74
270
135
280
139
341
168
FG676
—
—
—
—
—
—
—
—
—
—
—
—
—
444
222
—
—
FG896
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
620
310
Notes:
1. AES is not available for Cortex-M1 ProASIC3 devices.
2. Available as automotive “T” grade
3. The M1A3P250 device does not support this package.
4. Six chip (main) and three quadrant global networks are available for A3P060 and above.
5. The PQ208 package supports six CCCs and two PLLs.
Note:
1. M1A3P250 does not support the FG256 and QN132 packages.
2. When using voltage-referenced I/O standards, one I/O pin should be assigned as a voltage-reference pin (VREF) per minibank (group of O/Os).
3. “G” indicates RoHS-compliant packages. Refer to the “ProASIC3E Ordering Information” on page 3 for the location of the “G” in the part number.
ProASIC3/E Devices
A3P030
A3P060
A3P125
A3P250
A3P400
A3P600
A3P1000
A3PE600
A3PE1500
A3PE3000
ARM Cortex-M1 Devices
M1A3P250
M1A3P400
M1A3P600
M1A3P1000
M1A3PE1500
M1A3PE3000
System Gates
30,000
60,000
125,000
250,000
400,000
600,000
1,000,000
600,000
1,500,000
3,000,000
Typical Equivalent
Macrocells
256
512
1,024
2,048
—
—
—
—
—
—
VersaTiles (D-flip-flops)
768
1,536
3,072
6,144
9,216
13,824
24,576
13,824
38,400
75,264
RAM (1,024 bits)
—
18
36
36
54
108
144
108
270
504
4,608-Bit Blocks
—
4
8
8
12
24
32
24
60
112
FlashROM Kbits
(1,024 bits)
1
1
1
1
1
1
1
1
1
1
AES-Protected ISP1
—
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLL in CCCs
—
1
1
1
1
1
1
6
6
6
VersaNet Globals4
6
18
18
18
18
18
18
18
18
18
I/O Banks
2
2
2
4
4
4
4
8
8
8
Maximum User I/Os
81
96
133
157
194
235
300
270
444
620
Package Pins
QFN
CS
VQ
TQ
PQ
FG
QN48
QN68
QN132
VQ100
QN132
CS121
VQ1002
TQ144
FG1442
QN1322
VQ1002
TQ144
PQ208
FG1442
QN1322, 3
VQ1002
PQ208
FG1442
FG2562, 3
PQ208
FG144
FG256
FG484
PQ208
FG144
FG256
FG484
PQ208
FG1442
FG2562
FG4842
PQ2085
FG256
FG484
PQ2085
FG484
FG676
PQ2085
FG324
FG484
FG896
• Low power
• Nonvolatile, reprogrammable
• Instant-on
• Configuration memory error immune
• Advanced I/O standards
• Secure ISP
ProASIC3/E Devices
www.microsemi.com/products/fpga-soc/fpga/proasic3-e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com