Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG484 Datasheet(PDF) 22 Page - Microsemi Corporation

Part # FG484
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG484 Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button FG484 Datasheet HTML 18Page - Microsemi Corporation FG484 Datasheet HTML 19Page - Microsemi Corporation FG484 Datasheet HTML 20Page - Microsemi Corporation FG484 Datasheet HTML 21Page - Microsemi Corporation FG484 Datasheet HTML 22Page - Microsemi Corporation FG484 Datasheet HTML 23Page - Microsemi Corporation FG484 Datasheet HTML 24Page - Microsemi Corporation FG484 Datasheet HTML 25Page - Microsemi Corporation FG484 Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 197 page
background image
SmartFusion DC and Switching Characteristics
2- 10
R e v i sio n 1 2
Calculating Power Dissipation
Quiescent Supply Current
Power per I/O Pin
Table 2-8 • Power Supplies Configuration
Modes and Power
Supplies
Time Keeping mode
0 V
0 V
0 V
3.3 V
0 V
0 V
0 V
Off
Enable Disable
Standby mode
On*
3.3 V
1.5 V
N/A
3.3 V
N/A
N/A
Reset
Enable Disable
SoC mode
On*
3.3 V
1.5 V
N/A
3.3 V
N/A
N/A
On
Enable Enable
Note:
*On means proper voltage is applied. Refer to Table 2-3 on page 2-3 for recommended operating conditions.
Table 2-9 • Quiescent Supply Current Characteristics
Parameter
Modes
A2F060
A2F200
A2F500
1.5 V
Domain
3.3 V
Domain
1.5 V
Domain
3.3 V
Domain
1.5 V
Domain
3.3 V
Domain
IDC1
SoC mode
3 mA
2 mA
7 mA
4 mA
16.5 mA
4 mA
IDC2
Standby mode
3 mA
2 mA
7 mA
4 mA
16.5 mA
4 mA
IDC3
Time Keeping mode
N/A
10 µA
N/A
10 µA
N/A
10 µA
Table 2-10 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
Applicable to FPGA I/O Banks, I/O Assigned to EMC I/O Pins
VCCFPGAIOBx (V)
Static Power
PDC7 (mW)
Dynamic Power PAC9
(µW/MHz)
Single-Ended
3.3 V LVTTL / 3.3 V LVCMOS
3.3
–
17.55
2.5 V LVCMOS
2.5
–
5.97
1.8 V LVCMOS
1.8
–
2.88
1.5 V LVCMOS (JESD8-11)
1.5
–
2.33
3.3 V PCI
3.3
–
19.21
3.3 V PCI-X
3.3
–
19.21
Differential
LVDS
2.5
2.26
0.82
LVPECL
3.3
5.72
1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com