| Electronic Components Datasheet Search |
|
IO96RSB1 Datasheet(PDF) 17 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO96RSB1 Datasheet(HTML) 17 Page - Microsemi Corporation |
|
17 / 210 page ![]() ProASIC3 Flash Family FPGAs Re vi s i on 15 2 - 12 NROW is the number of VersaTile rows used in the design—guidelines are provided in the "Spine Architecture" section of the Global Resources chapter in the ProASIC3 FPGA Fabric User's Guide. FCLK is the global clock signal frequency. NS-CELL is the number of VersaTiles used as sequential modules in the design. PAC1, PAC2, PAC3, and PAC4 are device-dependent. Sequential Cells Contribution—PS-CELL PS-CELL = NS-CELL * (PAC5 + α 1 / 2 * PAC6) * FCLK NS-CELL is the number of VersaTiles used as sequential modules in the design. When a multi-tile sequential cell is used, it should be accounted for as 1. α 1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-16 on page 2-13. FCLK is the global clock signal frequency. Combinatorial Cells Contribution—PC-CELL PC-CELL = NC-CELL* α 1 / 2 * PAC7 * FCLK NC-CELL is the number of VersaTiles used as combinatorial modules in the design. α 1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-16 on page 2-13. FCLK is the global clock signal frequency. Routing Net Contribution—PNET PNET = (NS-CELL + NC-CELL) * α 1 / 2 * PAC8 * FCLK NS-CELL is the number of VersaTiles used as sequential modules in the design. NC-CELL is the number of VersaTiles used as combinatorial modules in the design. α 1 is the toggle rate of VersaTile outputs—guidelines are provided in Table 2-16 on page 2-13. FCLK is the global clock signal frequency. I/O Input Buffer Contribution—PINPUTS PINPUTS = NINPUTS * α 2 / 2 * PAC9 * FCLK NINPUTS is the number of I/O input buffers used in the design. α 2 is the I/O buffer toggle rate—guidelines are provided in Table 2-16 on page 2-13. FCLK is the global clock signal frequency. I/O Output Buffer Contribution—POUTPUTS POUTPUTS = NOUTPUTS * α 2 / 2 * β 1 * PAC10 * FCLK NOUTPUTS is the number of I/O output buffers used in the design. α 2 is the I/O buffer toggle rate—guidelines are provided in Table 2-16 on page 2-13. β 1 is the I/O buffer enable rate—guidelines are provided in Table 2-17 on page 2-13. FCLK is the global clock signal frequency. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |