Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IO13NDB0V0 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # IO13NDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO13NDB0V0 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button IO13NDB0V0 Datasheet HTML 13Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 14Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 15Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 16Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 17Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 18Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 19Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 20Page - Microsemi Corporation IO13NDB0V0 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
2 - 5
VCCxxxxIOBx Trip Point:
Ramping up: 0.6 V < trip_point_up < 1.2 V
Ramping down: 0.5 V < trip_point_down < 1.1 V
VCC Trip Point
:
Ramping up: 0.6 V < trip_point_up < 1.1 V
Ramping down: 0.5 V < trip_point_down < 1 V
VCC and VCCxxxxIOBx ramp-up trip points are about 100 mV higher than ramp-down trip points. This
specifically built-in hysteresis prevents undesirable power-up oscillations and current surges. Note the
following:
•
By default, during programming I/Os become tristated and weakly pulled up to VCCxxxxIOBx.
You can modify the I/O states during programming in FlashPro. For more details, refer to
"Specifying I/O States During Programming" on page 1-3.
•
JTAG supply, PLL power supplies, and charge pump VPUMP supply have no influence on I/O
behavior.
PLL Behavior at Brownout Condition
The Microsemi SoC Products Group recommends using monotonic power supplies or voltage regulators
to ensure proper power-up behavior. Power ramp-up should be monotonic at least until VCC and
VCCPLLx exceed brownout activation levels. The VCC activation level is specified as 1.1 V worst-case
(see Figure 2-1 on page 2-6 for more details).
When PLL power supply voltage and/or VCC levels drop below the VCC brownout levels (0.75 V ± 0.25
V), the PLL output lock signal goes low and/or the output clock is lost. Refer to the "Power-Up/-Down
Behavior of Low Power Flash Devices" chapter of the ProASIC3 FPGA Fabric User’s Guide for
information on clock and lock recovery.
Internal Power-Up Activation Sequence
1. Core
2. Input buffers
Output buffers, after 200 ns delay from input buffer activation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com