Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2191 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2191
Description  1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2191 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2191 Datasheet HTML 4Page - Diodes Incorporated AP2191 Datasheet HTML 5Page - Diodes Incorporated AP2191 Datasheet HTML 6Page - Diodes Incorporated AP2191 Datasheet HTML 7Page - Diodes Incorporated AP2191 Datasheet HTML 8Page - Diodes Incorporated AP2191 Datasheet HTML 9Page - Diodes Incorporated AP2191 Datasheet HTML 10Page - Diodes Incorporated AP2191 Datasheet HTML 11Page - Diodes Incorporated AP2191 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP2181/ AP2191
Document number: DS31563 Rev. 7 - 2
8 of 17
www.diodes.com
March 2013
© Diodes Incorporated
AP2181/ AP2191
Typical Performance Characteristics (cont.)
Supply Current, Output Enabled vs Ambient Temperature
27
32
37
42
47
52
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Supply Current, Output Disabled vs Ambient Temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Static Drain-Source On-State Resistance vs Ambient
Temperature
80
90
100
110
120
130
140
150
160
170
180
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Short-Circuit Output Current vs Ambient Temperature
2.00
2.10
2.20
2.30
2.40
2.50
2.60
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Undervoltage Lockout vs Ambient Temperature
1.90
1.95
2.00
2.05
2.10
2.15
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (°C)
Threshold Trip Current vs Input Voltage
3.08
3.10
3.12
3.14
3.16
3.18
3.20
3.22
3.24
2.83.3
3.84.3
4.85.3
Input Voltage (V)
UVLO Falling
UVLO Rising
Vin = 2.7V
Vin = 3.3V
Vin = 5V
Vin = 2.7V
Vin = 3.3V
Vin = 5.0V
Vin = 5.5V
TA = +25°C
CL = 68µF
CL = 100uF
Vin = 2.7V
Vin = 5.0V
Vin = 3.3V
Vin = 5.5V
Vin = 5.0V
Vin = 5.5V
Vin = 3.3V
Vin = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com