| Electronic Components Datasheet Search |
|
APA600 Datasheet(PDF) 6 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
APA600 Datasheet(HTML) 6 Page - Actel Corporation |
|
6 / 10 page ![]() ProASICPLUS Flash Family FPGAs 1- 2 v5.9 ProASICPLUS Architecture The proprietary ProASICPLUS architecture provides granularity comparable to gate arrays. The ProASICPLUS device core consists of a Sea-of-Tiles (Figure 1-1). Each tile can be configured as a three-input logic function (e.g., NAND gate, D-Flip-Flop, etc.) by programming the appropriate flash switch interconnections (Figure 1-2 and Figure 1-3 on page 1-3). Tiles and larger functions are connected with any of the four levels of routing hierarchy. Flash switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect programming. Flash switches are programmed to connect signal lines to the appropriate logic cell inputs and outputs. Dedicated high-performance lines are connected as needed for fast, low-skew global signal distribution throughout the core. Maximum core utilization is possible for virtually any design. ProASICPLUS devices also contain embedded, two-port SRAM blocks with built-in FIFO/RAM control logic. Programming options include synchronous or asynchronous operation, two-port RAM configurations, user-defined depth and width, and parity generation or checking. Refer to the "Embedded Memory Specifications" section on page 2-54 for more information. Figure 1-1 • The ProASICPLUS Device Architecture Figure 1-2 • Flash Switch 256x9 Two-Port SRAM or FIFO Block Logic Tile 256x9 Two Port SRAM or FIFO Block RAM Block RAM Block I/Os Sensing Switching Switch In Switch Out Word Floating Gate |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |