Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIN-HIPAX-SERIES Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # PIN-HIPAX-SERIES
Description  High Power PIN Diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PIN-HIPAX-SERIES Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button PIN-HIPAX-SERIES Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. PIN-HIPAX-SERIES Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
High Power PIN Diodes
V14
MA4P MELF & HIPAX™Series
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
11
Ordering Information
MELF diodes are available in tape and reel in quantities as shown in table below
Package Style
Quantity (7” Reel)
Bulk Devices Per Bag
1072T
1500 or 5000
N/A
1091T
500
N/A
MELF Assembly Recommendations
♦ Devices may be soldered using standard 60Sn/40Pb or RoHS compliant solders. Axial leads and solderable
surfaces of MELF devices are tin plated 50
μm thick to ensure an optimum connection.
Dimension
Package Style
1072
Package Style
1091
inches
mm
inches
mm
A
0.093
2.36
0.150
3.81
B
0.050
1.27
0.050
1.27
C
0.060
1.52
0.100
2.54
B
B
C
A
Circuit Pad Layout for MELF Diodes
MELF Internal Construction
Tape and reel information can be found on the M/A-COM website at http://www.macomtech.com/Application Notes/pdf/M513.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com