Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2183STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IR2183STRPBF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2183STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2183STRPBF Datasheet HTML 7Page - International Rectifier IR2183STRPBF Datasheet HTML 8Page - International Rectifier IR2183STRPBF Datasheet HTML 9Page - International Rectifier IR2183STRPBF Datasheet HTML 10Page - International Rectifier IR2183STRPBF Datasheet HTML 11Page - International Rectifier IR2183STRPBF Datasheet HTML 12Page - International Rectifier IR2183STRPBF Datasheet HTML 13Page - International Rectifier IR2183STRPBF Datasheet HTML 14Page - International Rectifier IR2183STRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IR2183(4)(S)&(PbF)
www.irf.com
11
0
1
2
3
4
5
10
12
14
16
18
20
Supply Voltage (V)
Figure 11B. High Level Output vs. Supply Voltage
Max.
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
Figure 12A. Low Level Output vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
Supply Voltage (V)
Figure 12B. Low Level Output vs. Supply Voltage
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
Figure 13A. Offset Supply Leakage Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com