Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCB
Description  Leaded Common Mode Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BCB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leaded Common Mode Chokes – BCB Series
BCB Series
High Speed Data Line Filters
BCB0603RI-4R4-N
BCB1104RI-330-N
A
B
C
D
E
Dim
(mm)
5.0±1.0
0.5±0.05
6.0
+0
10±0.5
7.5±0.5
L(1-2)(μ H)
L(3-4)(μ H)
L(5-6)(μ H)
Spec
3.54~5.53
0.141~0.52
3.6~6.53
A
B
C
D
E
F
G
Dim
(mm)
10.8
±0.5
7.62
±0.5
8.89
+0
12.45
±0.5
3.5
±0.5
10.92
±0.5
2.5
±0.15
L(μH)
@100KHz
LK(μ H)
@1KHz
RDC
(Ω)
Interwinding
Capacitance (p F)
Spec
25~50
1
+0
0.07
+0
30
+0
BCB1306RI-221-N
BCB1306RI-221-N
A
B
C
D
E
Dim
(mm)
16.0
+0
12.7
+0
3.48±0.5
10.8±0.5
0.65φ
L(μH)
@ 1KHz 1V
RDC
(mΩ)
Spec
220±30%
25
+0
A
B
C
D
Dim
(mm)
15
+0
12
+0
3.5±1
7.8±0.2
L
(mH)
RDC
(Ω)
Hi-Pot
(V)(AC&DC)
Spec
1.5
-0
0.11
650
1
2
epoxy
E
6
5
3
4
φ3
2.5
D
TEX-E
0.4φ
5Ts.
2
1
0.4φ
4
0.4φ
5Ts.
TEX-E
1Ts.
TEX-E
5
6
3
Circuit
1
5
Circuit
8
4
C
E
B
F
G
5
1
6
2
7
3
8
4
1
4
5
8
B
C
Pin1(yellow)
Clear
1
4
5
8
Circuit
B
3
4
2
1
A
C
Circuit
1
2
4
3


Similar Part No. - BCB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
BCB0812GHN-F00 DELTA-BCB0812GHN-F00 Datasheet
1Mb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BCB0812UHN-TP09 DELTA-BCB0812UHN-TP09 Datasheet
985Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BCB1012UH-F00 DELTA-BCB1012UH-F00 Datasheet
654Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BCB1012UHF-F00 DELTA-BCB1012UHF-F00 Datasheet
343Kb / 7P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
Shenzhen Luguang Electr...
BCB25A LUGUANG-BCB25A Datasheet
1,002Kb / 8P
Silicon Control Rectifiers
Revision:20241125-P1
More results

Similar Description - BCB

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
RENCO ELECTRONICS, INC.
RL-4400-1H RENCO-RL-4400-1H Datasheet
1Mb / 2P
COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com