Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHQ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CHQ
Description  SMD Ceramic Multilayer Chip Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CHQ Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CHQ Datasheet HTML 1Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 2Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 3Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 4Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 5Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 6Page - List of Unclassifed Manufacturers CHQ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Ceramic Multilayer Chip Inductors – CHQ Series
Test Instruments:Agilent E4991A Material/Impedance Analyzer
CHQ0603T-1N5B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:10000MHz IDC:600 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N6B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.19Ω SRF:10000MHz IDC:510 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N7B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.11Ω SRF:10000MHz IDC:680 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N8B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.12Ω SRF:10000MHz IDC:640 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-1N9B-HU
0
0.5
1
1.5
2
2.5
3
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.13Ω SRF:10000MHz IDC:620 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N0B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.15Ω SRF:10000MHz IDC:600 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N1B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.16Ω SRF:10000MHz IDC:550 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N2B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:10000MHz IDC:500 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N3B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.24Ω SRF:10000MHz IDC:460 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N4B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.26Ω SRF:10000MHz IDC:430 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N5B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.28Ω SRF:10000MHz IDC:415 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N6B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.3Ω SRF:10000MHz IDC:405 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N7B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.32Ω SRF:10000MHz IDC:400 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N8B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.2Ω SRF:9500MHz IDC:500 mA
0
10
20
30
40
50
60
70
80
CHQ0603T-2N9B-HU
0
1
2
3
4
5
1
10
100
1000
10000
FREQUENCY(MHz)
RDC<0.22Ω SRF:9300MHz IDC:480 mA
0
10
20
30
40
50
60
70
80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com