Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP200N075T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP200N075T
Description  TrenchMV Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP200N075T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP200N075T Datasheet HTML 1Page - IXYS Corporation IXTP200N075T Datasheet HTML 2Page - IXYS Corporation IXTP200N075T Datasheet HTML 3Page - IXYS Corporation IXTP200N075T Datasheet HTML 4Page - IXYS Corporation IXTP200N075T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2006 IXYS CORPORATION All rights reserved
IXTA200N075T
IXTP200N075T
IXYS REF: T_200N075T (5V) 6-20-06.xls
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
20
25
30
35
40
45
50
55
60
65
70
25
30
35
40
45
50
ID - Amperes
RG = 5Ω
VGS = 10V
VDS = 38V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
20
30
40
50
60
70
80
90
100
110
120
130
4
6
8
10
121416
1820
RG - Ohms
27
30
33
36
39
42
45
48
51
54
57
60
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 50A
I D = 25A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
48
49
50
51
52
53
54
55
56
57
58
25
35
45
55
65
75
85
95
105 115 125
TJ - Degrees Centigrade
45
50
55
60
65
70
75
80
85
90
95
t f
td(off) - - - -
RG = 5Ω, VGS = 10V
VDS = 38V
I D = 25A
I D = 50A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
48
49
50
51
52
53
54
55
56
57
58
25
30
35
40
45
50
ID - Amperes
45
50
55
60
65
70
75
80
85
90
95
t f
td(off) - - - -
RG = 5Ω, VGS = 10V
VDS = 38V
TJ = 125ºC
TJ = 25ºC
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
20
25
30
35
40
45
50
55
60
65
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 5Ω
VGS = 10V
VDS = 38V
I D = 50A
I D = 25A
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
50
70
90
110
130
150
170
4
6
8
10
121416
1820
RG - Ohms
60
100
140
180
220
260
300
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 50A
I D = 25A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com