Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J270 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J270
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J270 Datasheet(HTML) 1 Page - InterFET Corporation

  J270 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8/2014
J270, J271
P-Channel Silicon Junction Field-Effect Transistor
∙ Analog Switch
∙ Sample and Hold
∙ Low Noise, High Gain Amplifier
Absolute maximum ratings at TA = 25
oC
Reverse Gate Source & Gate Drain Voltage
-30V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
360 mW
Power Derating
2.8 mW/
oC
At 25
oC free air temperature
J270
J271
Process PJ99
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown
Voltage
V(BR)GSS
-30
-30
V
IG = 1 uA, VDS = 0 V
Gate Reverse Current
IGSS
200
200
pA
VGS = 10 V, VDS = 0 V
Gate Source Cutoff Voltage
VGS(OFF)
0.5
2
1.5
4.5
V
VDS = -10 V, VGS = 0 V
Drain Saturation Current
(pulsed)
IDSS
-2
-15
-6
-50
mA
VDS = -10 V, VGS = 0 V
Dynamic Electrical Characteristics
Common-Source Forward
Transconductance
gfs
6
15
8
18
mS
VDS = -10 V, VGS = 0 V
f = 1
kHz
Common-Source Input
Capacitance
Ciss
32
32
pF
VDS = -10 V, VGS = 0 V
f = 1
MHz
Common-Source Reverse
Transfer Capacitance
Crss
4
4
pF
VDS = -10 V, VGS = 0 V
f = 1
MHz
Typical
Equivalent Short Circuit Input
Noise Voltage
~eN
6
6
nV/√Hz VDS = 10 V, ID = 5 mA
f = 1
kHz
www.interfet.com
715 N. Glenville Dr., Ste. 400
Richardson, TX 75089
(972) 238-9700 Fax (972) 238-5338
SMP2608, SMP2609
SMPJ270, SMPJ271


Similar Part No. - J270

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J270 CALOGIC-J270 Datasheet
22Kb / 2P
P-Channel JFET
logo
Vishay Siliconix
J270 VISHAY-J270 Datasheet
44Kb / 4P
P-Channel JFETs
02-Jul-01
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
P-Channel Switch
logo
Vishay Siliconix
J270 VISHAY-J270 Datasheet
51Kb / 5P
P-Channel JFETs
02-Jul-01
logo
New Jersey Semi-Conduct...
J270 NJSEMI-J270 Datasheet
559Kb / 2P
J270 - J271 /SST270 - SST271
More results

Similar Description - J270

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com