Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD500V Datasheet(PDF) 1 Page - Formosa MS

Part # ASD500V
Description  Surface mount small signal type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ASD500V Datasheet(HTML) 1 Page - Formosa MS

  ASD500V Datasheet HTML 1Page - Formosa MS ASD500V Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Schottky Barrier Diodes
ASD500V
Surface mount small signal type
Extermely thin package
Low stored charge
Majority carrier conduction
Mechanical data
Case : Molded plastic, 0805
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Indicated by cathode band
Mounting Position : Any
Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Repetitive peak reverse voltage
VRM
45
V
Continuous reverse voltage
VR
40
V
Mean rectifying current
IO
100
mA
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
1000
mA
Capacitance between terminals
f=1MHz and applied 10VDC reverse voltage
CT
20
pF
Storage temperature
TJ
-40
+125
oC
Operating temperature
TSTG
-40
+125
oC
ELECTRICAL CHARACTERISTICS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 10 mA DC
VF
0.45
V
Reverse current
VR = 10 V
IR
1
uA
Formosa MS
0805
0.087 (2.2)
0.071 (1.8)
0.012(0.3) Typ.
0.055 (1.4)
0.039 (1.0)
0.043 (1.1)
0.028 (0.7)
R0.3 (0.012) Typ.


Similar Part No. - ASD500V

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ASD500V FRONTIER-ASD500V Datasheet
118Kb / 2P
100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V-LFR FRONTIER-ASD500V-LFR Datasheet
118Kb / 2P
100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
Formosa MS
ASD500V-N FORMOSA-ASD500V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
More results

Similar Description - ASD500V

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ASD501V FORMOSA-ASD501V Datasheet
76Kb / 2P
Surface mount small signal type
logo
Diotec Semiconductor
MCL4148 DIOTEC-MCL4148 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
1N4148W DIOTEC-1N4148W Datasheet
104Kb / 2P
Surface mount Small Signal Diodes
logo
Formosa MS
FM723-NS FORMOSA-FM723-NS Datasheet
68Kb / 2P
Surface mount small signal type
logo
PACELEADER INDUSTRIAL
PFM500V-NS PACELEADER-PFM500V-NS Datasheet
240Kb / 2P
SURFACE MOUNT SMALL SIGNAL TYPE
PFM501V-NS PACELEADER-PFM501V-NS Datasheet
224Kb / 2P
SURFACE MOUNT SMALL SIGNAL TYPE
PFM723-NS PACELEADER-PFM723-NS Datasheet
224Kb / 2P
SURFACE MOUNT SMALL SIGNAL TYPE
PFM751V-NS PACELEADER-PFM751V-NS Datasheet
240Kb / 2P
SURFACE MOUNT SMALL SIGNAL TYPE
logo
Diotec Semiconductor
1N4148W DIOTEC-1N4148W_09 Datasheet
107Kb / 2P
Surface Mount Small Signal Diodes
1N4148WS DIOTEC-1N4148WS_11 Datasheet
96Kb / 2P
Surface Mount Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com