Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT589 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT589
Description  30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT589 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT589 Datasheet HTML 1Page - Diodes Incorporated FMMT589 Datasheet HTML 2Page - Diodes Incorporated FMMT589 Datasheet HTML 3Page - Diodes Incorporated FMMT589 Datasheet HTML 4Page - Diodes Incorporated FMMT589 Datasheet HTML 5Page - Diodes Incorporated FMMT589 Datasheet HTML 6Page - Diodes Incorporated FMMT589 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT589
Document number: DS33103 Rev. 7 - 2
1 of 7
www.diodes.com
November 2013
© Diodes Incorporated
FMMT589
A Product Line of
Diodes Incorporated
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Features
BVCEO > -30V
IC = -1A Continuous Collector Current
ICM = -2A Peak Pulse Current
Low saturation voltage VCE(sat) < -350mV @ -1A
RSAT = 250mΩ for a low equivalent on-resistance
Complementary NPN type: FMMT489
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT589TA
589
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Top View
Pin-Out
589 = Product Type Marking Code
Device Symbol
SOT23
589
C
E
B
C
E
B


Similar Part No. - FMMT589

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT589 ZETEX-FMMT589 Datasheet
48Kb / 1P
PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT589 KEXIN-FMMT589 Datasheet
35Kb / 1P
Power High Performance Transistor
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
SOT23 PNP SILICON PLANAR MEDIUM
JANUARY 1997
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
More results

Similar Description - FMMT589

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
FMMT591ATC DIODES-FMMT591ATC Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
BCW68H DIODES-BCW68H_15 Datasheet
199Kb / 5P
45V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT589 DIODES-FMMT589_15 Datasheet
692Kb / 7P
30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 7
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591A DIODES-FMMT591A_15 Datasheet
342Kb / 7P
40V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
Rev 5
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
40V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 7
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com