Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC404018 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # LVC404018
Description  Sealed Power Inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC404018 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button LVC404018 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 9Page - List of Unclassifed Manufacturers LVC404018 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Sealed Power Inductors - LVC Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(KHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVC606045-1R0□-N
1.0
100
30
0.010
13(11.7)
7.3(6.57)
1R0
LVC606045-1R5□-N
1.5
100
20,30
0.012
12(10.8)
6.6(5.94)
1R5
LVC606045-2R2□-N
2.2
100
20, 30
0.018
9.5(8.55)
5.2(4.68)
2R2
LVC606045-3R3□-N
3.3
100
20, 30
0.022
7.8(7.02)
4.4(3.96)
3R3
LVC606045-4R7□-N
4.7
100
20, 30
0.030
6.8(6.12)
4.0(3.60)
4R7
LVC606045-6R8□-N
6.8
100
20, 30
0.042
5.7(5.13)
3.3(2.97)
6R8
LVC606045-100□-N
10
100
20, 30
0.060
4.6(4.14)
2.6(2.34)
100
LVC606045-150□-N
15
100
20, 30
0.090
3.8(3.42)
2.2(1.98)
150
LVC606045-220□-N
22
100
20, 30
0.130
3.3(2.97)
1.9(1.71)
220
 When ordering, please specify tolerance and packaging codes
 Tolerance : M = ±20% , T = ±30%
 L : Agilent/HP 4284A + Agilent/HP 16334A, 100KHz with 1V
 Isat & Irms : Agilent/HP 4284A, 100KHz with 1V
 Rdc : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat for Inductance drop 30% from its value without current
 Irms for a 40°C rise above 25°C ambient
 Operating temperature range from -55°C to 125°C. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
2
4
6
8
10
12
14
16
18
20
22
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
DC Current(A)
1R5
2R2
3R3
6R8
100
150
220
1R0
4R7
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
90
0 0.5
1 1.5
2 2.5 3
3.5 4
4.5 5 5.5
6 6.5 7
7.5 8
8.5 9
DC Current(A)
2R2
1R5
4R7
6R8
100
150
220
3R3
1R0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com