Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LVC606045 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LVC606045
Description  Sealed Power Inductors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC606045 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LVC606045 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 2Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 3Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 4Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 5Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 6Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 7Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 8Page - List of Unclassifed Manufacturers LVC606045 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sealed Power Inductors – LVC Series
Electrical Characteristics
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
RDC
(Ω) ±30%
Isat (A)
Typ. (Max)
Irms (A)
Typ. (Max)
Marking
LVC201B10-R24□-N
0.24
1
20, 30
0.026
3.20(2.88)
3.00(2.70)
M
LVC201B10-1R0□-N
1.0
1
20, 30
0.095
1.86(1.67)
1.86(1.67)
B
LVC201B10-1R5□-N
1.5
1
20, 30
0.140
1.64(1.47)
1.65(1.48)
C
LVC201B10-2R2□-N
2.2
1
20, 30
0.190
1.30(1.17)
1.30(1.17)
D
LVC201B10-3R3□-N
3.3
1
20, 30
0.295
0.96(0.86)
0.98(0.88)
E
LVC201B10-4R7□-N
4.7
1
20, 30
0.360
0.84(0.75)
0.90(0.81)
F
LVC201B10-6R8□-N
6.8
1
20, 30
0.640
0.66(0.59)
0.70(0.63)
G
LVC201B10-100□-N
10
1
20, 30
1.000
0.54(0.48)
0.56(0.50)
H
LVC201B10-150□-N
15
1
20, 30
1.500
0.39(0.35)
0.42(0.37)
K
LVC201B10-180□-N
18
1
20, 30
1.600
0.39(0.35)
0.41(0.36)
J
LVC201B10-220□-N
22
1
20, 30
1.700
0.38(0.34)
0.40(0.36)
I
 When ordering, please specify tolerance and packaging codes
 Tolerance: T = ±30% , M = ±20%
 L : Agilent/HP4287A+ Agilent/HP16197A, 1MHz 200mV
 RDC : Digital Milliohm Meter Chroma 16502, or equivalent
 Isat & Irms : Agilent/HP4284A, 1MHz 200mV
 Isat for Inductance drop 30% from its value without current
 Irms for a 40℃ rise above 25℃ ambient
 Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:HP4284A Material/Impedance Analyzer
Inductance vs. DC Current
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
DC Current(A)
100
220
6R8
4R7
3R3
2R2
1R0
150
Tem perature Change vs. DC Current
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
DC Current(A)
100
220
1R0
2R2
3R3
4R7
6R8
150



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com