Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMI1209-R47M-N Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DMI1209-R47M-N
Description  Leaded Power Chokes DMI
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DMI1209-R47M-N Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DMI1209-R47M-N Datasheet HTML 1Page - List of Unclassifed Manufacturers DMI1209-R47M-N Datasheet HTML 2Page - List of Unclassifed Manufacturers DMI1209-R47M-N Datasheet HTML 3Page - List of Unclassifed Manufacturers DMI1209-R47M-N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Leaded Power Chokes – DMI Series
Electrical Characteristics
Part Number
Inductance
(
µH)
Tolerance
(±%)
Test Frequency
(KHz)
RDC
(mΩ) Max
Isat
(A) Typ
Irms
(A) Typ
DMI0808-R30M- N
0.30
20
100/ 1V
1.0
35
32
DMI0808-1R0M- N
1.00
20
100/ 1V
4.0
12
16
DMI0809-R56M- N
0.56
20
100/ 1V
1.3
25
25
DMI0809-1R0M- N
1.00
20
100/ 1V
1.8
23
35
DMI0809-2R2M- N
2.20
20
100/ 1V
3.5
13
17
DMI0909-R25M- N
0.25
20
100/ 1V
0.8
28
35
DMI1108-R30M- N
0.30
20
100/ 1V
1.0
50
38
DMI1108-R36M- N
0.36
20
100/ 1V
0.7
50
43
DMI1108-1R8M- N
1.80
20
100/ 1V
3.0
24
24
DMI1109-R56M- N
0.56
20
100/ 1V
1.08
50
37
DMI1109-R68M- N
0.68
20
100/ 1V
1.2
40
35
DMI1110-R60M- N
0.60
20
100/ 1V
1.2
40
42
DMI1110-1R1M- N
1.10
20
100/ 1V
1.5
35
28
DMI1208-R22M- N
0.22
20
100/ 1V
0.6
75
38
DMI1208-R47M- N
0.47
20
100/ 1V
0.9
55
38
DMI1208-R56M- N
0.56
20
100/ 1V
0.9
45
38
DMI1209-R33M- N
0.33
20
100/ 1V
0.9
70
35
DMI1209-R47M- N
0.47
20
100/ 1V
0.9
50
38
DMI1209-R68M- N
0.68
20
100/ 1V
1.2
45
35
DMI1209-1R0M- N
1.00
20
100/ 1V
1.5
35
35
DMI1209-2R5M- N
2.50
20
100/ 1V
2.6
25
27
DMI1210-R47M- N
0.47
20
100/ 1V
1.0
50
30
DMI1210-1R8M- N
1.80
20
100/ 1V
3.3
29
22
DMI1210-4R7M- N
4.70
20
100/ 1V
6.0
12
17
l Customized Specifications are welcome.
l Isat for inductance drops 20% from its value without current
l Irms for a 40℃ rise above 25℃ ambient.
l Tested L: WK4237METER
RDC: HK502BC METER
Isat、Irms : WK3260B/ 3265B METER
Electrical Characteristics
Part Number
Inductance
(
µH)
Tolerance
(±%)
Test Frequency
(KHz)
RDC
(mΩ) Max
Isat
(A) Typ
Irms
(A) Typ
DMI0807-1R0M- N
1.00
20
100/ 1V
4.0
28
15
DMI1009-R68M- N
0.68
20
100/ 1V
1.2
49
30
DMI1009-1R2M- N
1.20
20
100/ 1V
1.7
33
28
DMI1108-R60M- N
0.60
20
100/ 1V
1.0
40
35
DMI1109-R30M- N
0.30
20
100/ 1V
0.7
46
40
DMI1109-1R2M- N
1.20
20
100/ 1V
1.2
40
30
DMI1109-1R5M- N
1.50
20
100/ 1V
1.85
42
28
DMI1208-R36M- N
0.36
20
100/ 1V
0.8
60
40
DMI1210-R30M- N
0.30
20
100/ 1V
0.65
45
40
l Customized Specifications are welcome.
l Isat for inductance drops 30% from its value without current
l Irms for a 40℃ rise above 25℃ ambient.
l Tested L: WK4237METER
RDC: HK502BC METER
Isat、Irms : WK3260B/ 3265B METER



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com