Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # NLC
Description  SMD Wire Wound Ferrite Chip Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NLC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  NLC Datasheet HTML 1Page - List of Unclassifed Manufacturers NLC Datasheet HTML 2Page - List of Unclassifed Manufacturers NLC Datasheet HTML 3Page - List of Unclassifed Manufacturers NLC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Wire Wound Ferrite Chip Inductors – NLC Series
Electrical Characteristics
Color Coding
Part Number
Inductance
(uH)
Test
Frequency
(MHz)
Tolerance
(±%)
Q
Min
Test
Frequency
(MHz)
SRF
(MHz) Typ
Rdc
(Ω)±30%
Idc
(mA)
1
ST
2
ND
3
RD
NLC322522T-R47
-N
0.47
25.2
5 / 10
40
25.2
450
0.07
1800
Yellow
Violet
Brown
NLC322522T-1R0
-N
1.0
7.96
5 / 10
20
7.96
100
0.08
1500
Brown
Black
Red
NLC322522T-1R2
-N
1.2
7.96
5 / 10
20
7.96
90
0.12
1400
Brown
Red
Red
NLC322522T-1R5
-N
1.5
7.96
5 / 10
20
7.96
80
0.13
1125
Brown
Green
Red
NLC322522T-1R8
-N
1.8
7.96
5 / 10
20
7.96
70
0.13
970
Brown
Gray
Red
NLC322522T-2R2
-N
2.2
7.96
5 / 10
20
7.96
68
0.13
970
Red
Red
Red
NLC322522T-3R3
-N
3.3
7.96
5 / 10
20
7.96
54
0.16
837
Orange Orange
Red
NLC322522T-4R7
-N
4.7
7.96
5 / 10
20
7.96
43
0.23
675
Yellow
Violet
Red
NLC322522T-5R6
-N
5.6
7.96
5 / 10
20
7.96
36
0.26
620
Green
Blue
Red
NLC322522T-6R8
-N
6.8
7.96
5 / 10
20
7.96
33
0.27
600
Blue
Gray
Red
NLC322522T-8R2
-N
8.2
7.96
5 / 10
20
7.96
30
0.32
580
Gray
Red
Red
NLC322522T-100
-N
10
2.52
5 / 10
15
2.52
28
0.36
520
Brown
Black
Orange
NLC322522T-150
-N
15
2.52
5 / 10
15
2.52
19
0.56
480
Brown
Green
Orange
NLC322522T-220
-N
22
2.52
5 / 10
15
2.52
16
0.77
310
Red
Red
Orange
NLC322522T-270
-N
27
2.52
5 / 10
15
2.52
13
1.00
280
Red
Violet
Orange
NLC322522T-330
-N
33
2.52
5 / 10
15
2.52
12
1.10
270
Orange Orange Orange
NLC322522T-470
-N
47
2.52
5 / 10
15
2.52
10
1.64
210
Yellow
Violet
Orange
NLC322522T-680
-N
68
2.52
5 / 10
15
2.52
9
2.80
189
Blue
Gray
Orange
NLC322522T-101
-N
100
0.796
5 / 10
15
0.796
6
3.70
145
Brown
Black
Yellow
NLC322522T-151
-N
150
0.796
5 / 10
15
0.796
5
6.10
120
Brown
Green
Yellow
NLC322522T-181
-N
180
0.796
5 / 10
15
0.796
4
8.00
105
Brown
Gray
Yellow
NLC322522T-221
-N
220
0.796
5 / 10
15
0.796
4
8.40
100
Red
Red
Yellow
NLC322522T-331
-N
330
0.796
5 / 10
15
0.796
3.5
12.3
80
Orange Orange Yellow
NLC322522T-471
-N
470
0.796
5 / 10
15
0.796
2.8
22.0
75
Yellow
Violet
Yellow
NLC322522T-561
-N
560
0.796
5 / 10
15
0.796
2.5
23.0
65
Green
Blue
Yellow
NLC322522T-681
-N
680
0.796
5 / 10
15
0.796
2
28.0
65
Blue
Gray
Yellow
 When ordering, please specify tolerance and packaging codes.
 Tolerance: J = ±5%, K = ±10%
 Packaging: Clear tape and reel {standard}.
 L/Q: Agilent E4991A+Agilent HP16197A (over 1MHz); Agilent/HP4285A+Agilent HP16197A (under 1MHz)
 SRF: Agilent E4991A
 RDC: HP4338B/ CH502BC
 Idc for Inductance drop 10% from its value without current.
 Operating temperature range from -25℃ to 105℃. (Including self - temperature rise)
Test Instruments:Agilent E4991A Material/Impedance Analyzer
Typical L vs. Frequency
Typical Q vs. Frequency
COLOR CODING
2nd Code
1st Code
3rd Code



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com