Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDS
Description  SMD Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDS Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS Datasheet HTML 2Page - List of Unclassifed Manufacturers SDS Datasheet HTML 3Page - List of Unclassifed Manufacturers SDS Datasheet HTML 4Page - List of Unclassifed Manufacturers SDS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Shielded Power Inductors - SDS Series
Packaging Specifications
Tape Dimensions
Tape Material
Reel Dimensions
Dimensions
Tape Dimensions
Reel Dimensions
Quantity
( PCS / REEL )
TYPE
K0
D
E
W
P
P0
P2
A
B
C
D
178mm
330mm
330
100
13.4
-
2500
SDS 0402
3.2
1.55
1.75
12
8
4
2
178
60
13
13.2
750
-
SDS 0804
5.4
1.55
1.75
24
12
4
2
330
100
13
24.4
-
1000
SDS 1306
7.5
1.55
1.75
32
20
4
2
330
100
13
33.4
-
250



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com