Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SLF
Description  SMD Shielded Power Inductors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SLF Datasheet HTML 1Page - List of Unclassifed Manufacturers SLF Datasheet HTML 2Page - List of Unclassifed Manufacturers SLF Datasheet HTML 3Page - List of Unclassifed Manufacturers SLF Datasheet HTML 4Page - List of Unclassifed Manufacturers SLF Datasheet HTML 5Page - List of Unclassifed Manufacturers SLF Datasheet HTML 6Page - List of Unclassifed Manufacturers SLF Datasheet HTML 7Page - List of Unclassifed Manufacturers SLF Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SMD Shielded Power Inductors – SLF Series
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
SLF0732T-2R2M-N
2.2
20
1
0.018
2.1
SLF0732T-3R3M-N
3.3
20
1
0.023
1.9
SLF0732T-4R7M-N
4.7
20
1
0.036
1.7
SLF0732T-6R8M-N
6.8
20
1
0.041
1.6
SLF0732T-100M-N
10
20
1
0.053
1.4
SLF0732T-150M-N
15
20
1
0.075
1.1
SLF0732T-220M-N
22
20
1
0.11
0.96
SLF0732T-330M-N
33
20
1
0.16
0.75
SLF0732T-470M-N
47
20
1
0.24
0.67
SLF0732T-680M-N
68
20
1
0.31
0.59
SLF0732T-101M-N
100
20
1
0.45
0.45
SLF0732T-151M-N
150
20
1
0.65
0.37
SLF0732T-221M-N
220
20
1
1.05
0.29
SLF0732T-331M-N
330
20
1
1.67
0.22
SLF0732T-471M-N
470
20
1
2.05
0.2
SLF0732T-681M-N
680
20
1
3.15
0.16
SLF0732T-102M-N
1000
20
1
4.78
0.13
Tolerance: M = ±20%
Isat:
Value obtained when DC current flows and the initial value of inductance has fallen by 10%
Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency:1KHz/0.5V)
RDC:CH502BC
Electrical Characteristics
Part Number
Inductance
(
H)
Tolerance
(±%)
Test Frequency
(KHz)
DC Resistance
(Ω
20%)
Isat
(A)
Itemp
(A) Max
SLF0745T-3R3M-N
3.3
20
1
0.02
2.5
2.3
SLF0745T-4R7M-N
4.7
20
1
0.03
2
2.1
SLF0745T-6R8M-N
6.8
20
1
0.039
1.7
1.74
SLF0745T-100M-N
10
20
1
0.036
1.3
1.78
SLF0745T-150M-N
15
20
1
0.052
1.1
1.53
SLF0745T-220M-N
22
20
1
0.061
0.9
1.34
SLF0745T-330M-N
33
20
1
0.096
0.82
1.09
SLF0745T-470M-N
47
20
1
0.125
0.75
0.92
SLF0745T-680M-N
68
20
1
0.175
0.6
0.77
SLF0745T-101M-N
100
20
1
0.25
0.5
0.65
SLF0745T-151M-N
150
20
1
0.34
0.4
0.55
SLF0745T-221M-N
220
20
1
0.52
0.33
0.45
SLF0745T-331M-N
330
20
1
0.74
0.25
0.37
SLF0745T-471M-N
470
20
1
1.05
0.22
0.31
SLF0745T-681M-N
680
20
1
1.48
0.2
0.27
SLF0745T-102M-N
1000
20
1
2.28
0.14
0.25
 Tolerance: M = ±20%
 Isat: Value obtained when DC current flows and the initial value of inductance has fallen by 10%
 Itemp current : Value obtained when current flows and the temperature has risen to 20℃
 Test equipment Inductance: HP4284A LF impedance analyzer or equivalent (Test frequency: 1KHz/0.5V)
 RDC: CH502BC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com