Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB104S Datasheet(PDF) 2 Page - Formosa MS

Part # DB104S
Description  Glass passivated type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DB104S Datasheet(HTML) 2 Page - Formosa MS

  DB104S Datasheet HTML 1Page - Formosa MS DB104S Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01
2356
76
89 
886
89 
6
7
8  8 579
 6
  96
6
20222
 89 
 !"#%&#!'
%()!(*
+
,"-*
%./(01#!#-1#(23
(&#-1(4#%,1!+
,*
#)4+
!4 +
*5%(!)3
6
)#('7
%!( *
%0(*
#)!#1'
(4#0#,*
3
8#'
+
(5'
#'
%94%-*4%,-*
!4*
+
%, *
+
'
+
:+
,"0%'
)#)1'
(-*
+
4
*
#4;,%'
%"<!#- '
*
-+
,+
,#=1#,-+
&#1!%) 4*
3
>'
(--1(--+
&(*
#)4;+
1?,4*
+
%,-3
@#()A7
!##1(!*
-0##*8%B!#C +
!0#,*
-3
DEFHIJKLMNOIPQNRISTUVWXYW
DZ[QQN\]^_]NMPNJ`aIb_`RKLIMQHIIc`HabdI\efgWhWZ^_e
D
D
D
D
D
D
5 876
8898
D
Di(-#jk%')#)1'(-*+4lmn
Do#!0+,('-j%')#!1'(*#)l-%')#!(5'#1#!
k6
@AomApq/lk#*
;%)r/rs
Dt%'(!+*<j0(!2#)%,5%)<
Dk% ,*+,"t%-+*+%,ju,<
Dv#+";*ju11!%=+0(*#)/3.w"!(0
x1%=<j
y@z{A|/!(*
#)7
'
(0#!#*
(!)(,*
8}8 9
6
7
t("#r
tu8ukxox8
i€m6
o6
€
%!9(!)!#4*
+
7
+
#)4 !!#,*
%!9(!)- !"#4 !!#,*
8#&#!-#4 !!#,*
*
%!("#*
#01#!(*!#
##+
"3
‚
w3
.0--+
,"'
#;('
7-+
,#A9(&#- 1#!+
01%-#)%,
!(*
#'
%()ƒ„xmxi0#*
;%)#…
<05%' k6
€3 o†t3 ku‡3 y€6
o
6

6
k
6
8
o
o>
u
u
u
i
‚3
/
q/
‚/
ˆ‚pq
Asq

| ‰ |
o ‰ rqi
8
88k
„

| ‰ |
o ‰ ‚rqi
8
88k
„
q//
mn‚/‚
mn‚/r
mn‚/.
q/
‚//
r//
.q
p/
‚{/
†kn@
|
88k
ƒ|…
|
8k
|
8
ƒ|…
ƒ|…
Š‚
Šr
Š.
Ђ8#1#*
+
*
+
&#1#(2!#&#!-#&%'
*
("#
Šr8k&%'
*
("#
Š.i%,*
+
, % -!#&#!-#&%'
*
("#
Š{k(=+
0 07
%!9(!)&%'
*
("#‹6

‰‚3
/u
|

ƒ|…
Š{
mn‚/{
mn‚/q
{//
s//
rw/
{r/
Aqq*
%ˆ‚q/
mn‚/s
mn‚/p
w//
‚///
qs/
p//
q/
‚//
r//
{//
s//
w//
‚///
‚3
‚/
m%4 0#,*6
m
6
-- #)m(*
#
8#&+
-#)m(*
# 8#&+
-+
%,
t("#3
 Œ85
020Ž02‘

ƒi…
1#!(*
+
,"
*
#01#!(*!#
ol
„
;*
*
1j
’
’
9993
7
%!0%-(0-3
4%0’
ox@j
wwsArArrszsss‚
u‡j
wwsArArrszs‚{‚
“”•—˜™
š›œœžŸ
™
 
™
œ˜
m+
0#,-+
%,-+
,+
,4;#-(,)ƒ
0+
'
'
+
0#*
#!
-…
mn
3
rqqƒ
s3
q…
3
..qƒ
w3
q…
3
‚.{ƒ
.3
{/…
3
{/zƒ
‚/3
{…
3
/‚.ƒ
3
..…
3
/s/ƒ
‚3
q…
3
r/qƒ
q3
r…
3
.{{ƒ
w3
p{…
3
/{pƒ
‚3
r/…
3
r{qƒ
s3
r…
3
rz‚ƒ
p3
{…
3
/z‚ƒ
r3
.r…
3
.p/ƒ
z3
{…
3
//.ƒ
3
/w…
3
/{/ƒ
‚3
/…
3
‚zpƒ
q3
/…
3
.‚qƒ
w3
//…
3
/.pƒ
/3
zq…
ˆ
¡
¡
58¢6
ŒŒ 896
787£
9 6
8¤8 89 6
96
ƒuoo‰rq
u
%i ,'
#--%*
;#!9+
-#,%*
#)…
mAr{‚‚/r
r//w’
/r’
‚/
r/‚/’
/.’
‚/
m
p
m+
%)#?,4*
+
%,4(1(4+
*
(,4#
7
‰‚kB:(,)(11'
+
#){|mi!#&#!-#&%'
*
("#
i
„
1
rq
深圳FMS
Kinter
131
6803
0058



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com