Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL101A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # LL101A
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

LL101A Datasheet(HTML) 1 Page - Continental Device India Limited

  LL101A Datasheet HTML 1Page - Continental Device India Limited LL101A Datasheet HTML 2Page - Continental Device India Limited LL101A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SMALL SIGNAL SCHOTTKY DIODES
LL101A, LL101B
LL101C
SOD - 80C
Mini MELF (LL- 34)
For General Purpose Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
LL101A
LL101B
UNIT
Peak Reverse Voltage
VRRM
60
50
V
Power Dissipation (Infinite Heat Sink)
*PD
mW
Maximum Single Cycle Surge 10
µµS Square Wave
IFSM
A
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
*Vaild Provided that Electrodes are Kept at Ambient Temperature
ELECTRICAL CHARACTERISTICS (Rating @ Ta=25ºC unless otherwise specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN MAX
UNIT
Reverse Breakdown Voltage
VRRM
IR=10µA
LL101A
60
V
LL101B
50
V
LL101C
40
V
Leakage Current
IR
VR=50V
LL101A
200
nA
VR=40V
LL101B
200
nA
VR=30V
LL101C
200
nA
Forward Voltage
VF
VF=1mA
LL101A
0.41
V
LL101B
0.40
V
LL101C
0.39
V
Forward Voltage
VF=15mA
LL101A
1.0
V
LL101B
0.95
V
LL101C
0.90
V
Junction Capacitance
CJ
VR=0V, f=1MHz
LL101A
2.0
pF
LL101B
2.1
pF
LL101C
2.2
pF
Reverse Recovery Time
trr
IF=10mA, to IR=5mA, Recover
to 0.1 IR
1.0
ns
LL101A_LL101CRev290305E
- 55 to +150
125
LL101C
40
2.0
400
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications
logo
General Semiconductor
LL101A GE-LL101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
Vishay Siliconix
LL101A VISHAY-LL101A Datasheet
98Kb / 5P
Small Signal Schottky Barrier Diodes
03-Mar-06
logo
EIC discrete Semiconduc...
LL101A EIC-LL101A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com