Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34D Datasheet(PDF) 1 Page - Formosa MS

Part # GL34D
Description  Silicon passivated type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

GL34D Datasheet(HTML) 1 Page - Formosa MS

  GL34D Datasheet HTML 1Page - Formosa MS GL34D Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GL34A THRU GL34J
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-213AA
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.036 gram
(V)
(V)
(V)
(V)
(
o C)
GL34A
-
50
35
50
GL34B
-
100
70
100
GL34D
-
200
140
200
GL34G
-
400
280
400
GL34J
-
600
420
600
1.1
-55 to +125
SYMBOLS
MARKING
CODE
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
0.5
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
10
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 125
oC
250
uA
Thermal resistance
Junction to ambient
R
qJA
125
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
4.0
pF
Storage temperature
TSTG
-55
+125
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
MINI-MELF glass passivated junction Diodes
Silicon passivated type
Dimensions in inches and (millimeters)
DO-213AA
(GL34)
.063(1.6)
.055(1.4)
.140(3.6)
.130(3.3)
.015(.40)
.012(.30)
SOLDERABLE
ENDS
Formosa MS


Similar Part No. - GL34D

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34D DCCOM-GL34D Datasheet
340Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
General Semiconductor
GL34D GE-GL34D Datasheet
80Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GL34D MCC-GL34D Datasheet
354Kb / 2P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
GL34D DIOTEC-GL34D Datasheet
170Kb / 2P
Surface Mount Si-Rectifiers
logo
Formosa MS
GL34D FORMOSA-GL34D Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
More results

Similar Description - GL34D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM4001-FM4007 FORMOSA-FM4001-FM4007 Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4001-MH FORMOSA-FM4001-MH Datasheet
78Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4001-MT FORMOSA-FM4001-MT Datasheet
77Kb / 2P
Chip Silicon Rectifier - Glass passivated type
FM4002 FORMOSA-FM4002 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4003 FORMOSA-FM4003 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4004 FORMOSA-FM4004 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4005 FORMOSA-FM4005 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
FM4007 FORMOSA-FM4007 Datasheet
21Kb / 1P
Chip Silicon Rectifier - Glass passivated type
GL34M FORMOSA-GL34M Datasheet
77Kb / 2P
MINI-MELF glass passivated junction Diodes - Silicon passivated type
MRA4001T3 FORMOSA-MRA4001T3 Datasheet
69Kb / 2P
Chip Silicon Rectifier - Glass passivated type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com