Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8248FPZ Datasheet(PDF) 11 Page - Analog Devices

Part # DAC8248FPZ
Description  Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8248FPZ Datasheet(HTML) 11 Page - Analog Devices

Back Button DAC8248FPZ Datasheet HTML 7Page - Analog Devices DAC8248FPZ Datasheet HTML 8Page - Analog Devices DAC8248FPZ Datasheet HTML 9Page - Analog Devices DAC8248FPZ Datasheet HTML 10Page - Analog Devices DAC8248FPZ Datasheet HTML 11Page - Analog Devices DAC8248FPZ Datasheet HTML 12Page - Analog Devices DAC8248FPZ Datasheet HTML 13Page - Analog Devices DAC8248FPZ Datasheet HTML 14Page - Analog Devices DAC8248FPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DAC8248
–11–
REV. B
AUTOMATIC DATA TRANSFER MODE
Data may be transferred automatically from the input register to
the DAC register. The first cycle loads the first data byte into
the input register; the second cycle loads the second data byte
and simultaneously transfers the full 12-bit data word to the
DAC register. It takes four cycles to load and transfer two com-
plete digital words for both DAC’s, see Figure 4 (Four Cycle
Update Timing Diagram) and the Mode Selection Table.
STROBED DATA TRANSFER MODE
Strobed data transfer allows the full 12-bit digital word to be
loaded into the input registers and transferred to the DAC regis-
ters at a later time. This transfer mode requires five cycles: four
to load two new data words into both DACs, and the fifth to
transfer all data into the DAC registers. See Figure 5 (Five Cycle
Update Timing Diagram) and the Mode Selection Table.
Strobed data transfer separating data loading and transfer op-
erations serves two functions: the DAC output updating may be
more precisely controlled, and multiple DACs in a multiple
DAC system can be updated simultaneously.
RESET
The DAC8248 comes with a RESET pin that is useful in system
calibration cycles and/or during system power-up. All registers
are reset to zero when RESET is low, and latched at zero on the
rising edge of the RESET signal when WRITE is high.
INTERFACE CONTROL LOGIC
The DAC8248’s control logic is shown in Figure 6. This cir-
cuitry interfaces with the system bus and controls the DAC
functions.
Figure 6. Input Control Logic
MODE SELECTION TABLE
DIGITAL INPUTS
REGISTER STATUS
DAC A
DAC B
Input Register
DAC
Input Register
DAC
DAC A
/B
WR
LSB
/MSB
RESET
LDAC
LSB
MSB
Register
LSB
MSB
Register
L
L
L
H
H
WR
LAT
LAT
LAT
LAT
LAT
L
L
L
H
L
WR
LAT
WR
LAT
LAT
WR
L
L
H
H
H
LAT
WR
LAT
LAT
LAT
LAT
L
L
H
H
L
LAT
WR
WR
LAT
LAT
WR
H
L
L
H
H
LAT
LAT
LAT
WR
LAT
LAT
H
L
L
H
L
LAT
LAT
WR
WR
LAT
WR
H
L
H
H
H
LAT
LAT
LAT
LAT
WR
LAT
H
L
H
H
L
LAT
LAT
WR
LAT
WR
WR
X
H
X
H
H
LAT
LAT
LAT
LAT
LAT
LAT
X
H
X
H
L
LAT
LAT
WR
LAT
LAT
WR
X
X
X
L
X
ALL REGISTERS ARE RESET TO ZEROS
XH
X
g
X
ZEROS ARE LATCHED IN ALL REGISTERS
L = Low, H = High, X = Don’t Care, WR = Registers Being Loaded, LAT = Registers Latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com