Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE104 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ADE104
Description  Compliant with European standards 1a1b 10A/8A polarized power relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADE104 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ADE104 Datasheet HTML 1Page - Panasonic Semiconductor ADE104 Datasheet HTML 2Page - Panasonic Semiconductor ADE104 Datasheet HTML 3Page - Panasonic Semiconductor ADE104 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DE (ADE)
ASCTB175E 201202-T
RATING
1. Coil data
1) Single side stable type
2) 2 coil latching type
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
5V DC
70%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
40 mA
125
Ω
200mW
130%V of
nominal voltage
12V DC
16.6mA
720
Ω
24V DC
8.3mA
2,880
Ω
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
5V DC
70%V or less of
nominal voltage
(Initial)
70%V or less of
nominal voltage
(Initial)
40 mA
40 mA
125
Ω
125
Ω
200mW
200mW
130%V of
nominal voltage
12V DC
16.6mA
16.6mA
720
Ω
720
Ω
24V DC
8.3mA
8.3mA
2,880
Ω
2,880
Ω
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
1 Form A 1 Form B
2 Form A
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgSnO2 type
Rating
Nominal switching capacity (resistive load)
10A 250V AC, 10A 30V DC
8A 250V AC, 8A 30V DC
Max. switching power (resistive load)
2,500VA, 300W
2,000VA, 240W
Max. switching voltage
250V AC, 30V DC
250V AC, 30V DC
Max. switching current
10A
8A
Nominal operating power
200mW
Min. switching capacity*1
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact sets
—
4,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
5,000 Vrms for 1 min. (Detection current: 10 mA)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
12,000 V
Temperature rise (coil) (at 70
°C 158°F)
Max. 50
°C 122°F (By resistive method)
Operate time [Set time] (at 20
°C 68°F)
Max. 10 ms [Max. 10 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 5 ms [Max. 10 ms]
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3 mm
Expected life
Mechanical
Min. 107 (at 300 times/min.)
Electrical
Min. 105
(resistive load, at 20 times/min., at nominal switching capacity)
Min. 105 (resistive load,
at 20 times/min., at AC nominal
switching capacity)
Min. 5
×104 (resistive load,
at 20 times/min., at DC nominal
switching capacity)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +70°C –40°F to +158°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 7 g .25 oz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com