Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC435 Datasheet(PDF) 2 Page - Picker Components

Part # PC435
Description  Subminature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC435 Datasheet(HTML) 2 Page - Picker Components

  PC435_14 Datasheet HTML 1Page - Picker Components PC435_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC435
PC435
COIL DATA
Coil Voltage
5
6
9
24
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
56
80
180
320
720
1280
3.75
4.50
6.75
9.00
13.50
18.00
0.25
0.30
0.45
0.60
0.90
1.20
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Dimensions in Inches (millimeters)
Side View
End View
12
18
+ 10%
Standard Coil
Sensitive Coil
125
180
405
720
1620
2880
0.45 W
0.20 W
3
20
45
2.25
0.15
(15.3)
.60
(7.6)
(10.2)
.40
(7.6)
.30
.30
Bottom View
PC Board Layout
Wiring Diagram
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
(15.7)
.618
(20.5)
.807
(4.0)
.157
(10.6)
.417
(1.3)
.051 Dia. Typ.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com