Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFM32 Datasheet(PDF) 1 Page - Formosa MS

Part # SFM32
Description  Super fast recovery type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM32 Datasheet(HTML) 1 Page - Formosa MS

  SFM32 Datasheet HTML 1Page - Formosa MS SFM32 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip Silicon Rectifier
SFM31 THRU SFM36
Super fast recovery type
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDECDO-214AB
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by c athode band
Mounting Position : Any
Weight : 0.00585 ounce, 0.195 gram
(V)
(V)
(V)
(V)
(nS)
(
o C)
SFM31
S31
50
35
50
SFM32
S32
100
70
100
SFM33
S33
150
105
150
SFM34
S34
200
140
200
SFM35
S35
300
210
300
SFM36
S36
400
280
400
-55 to +150
Operating
temperature
V RRM
*1
V RMS
*2
V R
*3
V F
*4
T RR
*5
SYMBOLS
MARKING
CODE
35
0.95
1.25
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 50
oC
IO
3.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
100
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
100
uA
Thermal resistance
Junction to ambient
R
qJA
16
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
45
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
Formosa MS
0.276(7.0)
0.260(6.6)
0.012(0.3) Typ.
0.189(4.8)
0.173(4.4)
0.244(6.2)
0.228(5.8)
0.087(2.2)
0.071(1.8)
0.040 (1.0) Typ.
0.040(1.0) Typ.
Dimensions in inches and (millimeters)
SMC
0.152(3.8)
0.144(3.6)
0.032(0.8) Typ.


Similar Part No. - SFM32

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM32 FORMOSA-SFM32 Datasheet
96Kb / 7P
3.0A Surface Mount Super Fast Rectifiers-50-600V
logo
SHENZHEN YONGERJIA INDU...
SFM32 WINNERJOIN-SFM32 Datasheet
132Kb / 2P
SMC
logo
Formosa MS
SFM32 FORMOSA-SFM32 Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
SFM32-B FORMOSA-SFM32-B Datasheet
97Kb / 7P
3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM32-BS FORMOSA-SFM32-BS Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
More results

Similar Description - SFM32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1NU41 TOSHIBA-1NU41 Datasheet
153Kb / 2P
SUPER FAST RECOVERY (SWITCHING TYPE POWER SUPPLY APLICATIONS)
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
70Kb / 2P
Super fast recovery type
SFM11 FORMOSA-SFM11 Datasheet
69Kb / 2P
Super fast recovery type
logo
Toshiba Semiconductor
U1GU44 TOSHIBA-U1GU44 Datasheet
149Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U1JU44 TOSHIBA-U1JU44 Datasheet
138Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
U05NU44 TOSHIBA-U05NU44 Datasheet
146Kb / 3P
TOSHIBA SUPER FAST RECOVERY RECTIFIER SILICON DIFFUSED TYPE
logo
Formosa MS
SFM11-L FORMOSA-SFM11-L Datasheet
80Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
SFM21-L FORMOSA-SFM21-L Datasheet
92Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
logo
New Jersey Semi-Conduct...
MUR2505 NJSEMI-MUR2505 Datasheet
81Kb / 1P
SUPER FAST RECOVERY DIODES STUD TYPE 25A ?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com