Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC3308 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC3308
Description  11.5 Gbps 8 x 8 Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3308 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC3308 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3308 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2010 by Vitesse Semiconductor Corporation. VPPD-02382 Revision 1.0. Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or
specifications. As such, all information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change
without notice at any time, and Vitesse assumes no responsibility for use of any information herein. Nothing contained herein conveys to the purchaser of microelectronic devices
any license under the patent or any other intellectual property rights of any manufacturer. Vitesse®, and numerous other trademarks, are trademarks of Vitesse in the United States
and/or other jurisdictions. Other trademarks used herein that are not the property of Vitesse are the property of their respective owners. While Vitesse products support IEC 60825,
use of Vitesse products does not ensure compliance to IEC 60825. Buyers are responsible for ensuring compliance to IEC 60825. Buyers must fully indemnify Vitesse for any
damages resulting from non-compliance to IEC 60825.
VSC3308
Speed and Protocol Support
• 11.5 Gbps non-return-to-zero (NRZ) data bandwidth
• Protocol-transparent
Architecture
• Fully non-blocking and multicasting switch core
• LOS detection and forwarding (supports out-of-band
signaling)
• Fully asynchronous operation with <1 ns latency
• 8 × 8 switch core enables signal fanout, loopback, and
protection switching
Signal Integrity
• Multiple time-constant programmable input and output
equalization
• Wide equalization adjustment range
• Input EQ of 26 dB at 11.5 Gbps
• 9 dB of pre-emphasis
• Embedded post-EQ eye opening monitor per channel
Key Specifications
• 11.5 Gbps NRZ per channel data rate
• 2.5 V power supply
• 10 mm × 10 mm flip chip ball grid array package
Related Vitesse Products
Visit www.vitesse.com for information about these related
Vitesse products:
• Crosspoint Switches
• Ethernet MACs
• Mux, Demux, and Transceivers
• Electronic Dispersion Compensation CDRs
Programming Interface
Control Port
EQ
and
Eye Monitor
EQ
Input[0:7]
Output[0:7]
8
Switch
88
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com