Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFX34 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BFX34
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BFX34 Datasheet(HTML) 1 Page - Continental Device India Limited

  BFX34 Datasheet HTML 1Page - Continental Device India Limited BFX34 Datasheet HTML 2Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
BFX34
TO-39
NPN Transistor in a TO-39 Metal Envelope Primarily Intended For Use As High-Current
Switching Device, e.g. Inverters And Switching Regulators.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
120
V
Collector -Emitter Voltage
VCEO
60
V
Emitter Base Voltage
VEBO
6.0
V
Collector Current (d.c)
IC
2.0
A
Collector Current (peak-value)
ICM
5.0
A
Base Current (d.c)
IB
1.0
A
Power Dissipation up to Tcase=25 deg C
Ptot
5.0
W
up to Tamb=25 deg C
Ptot
0.87
W
Junction and Storage Temperature Range
Tj,Tstg
-55 to +200
deg C
THERMAL RESISTANCE
Junction to Ambient
Rth (j-a)
200
K/W
Junction to Case
Rth (j-c)
35
K/W
ELECTRICAL CHARACTERISTICS (TA=25 deg C unless otherwise specified)
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut off Current
ICES
VCE=60V, VEB=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=4V, IC=0
-
-
10
uA
Collector Emitter Saturation Voltage
VCE(Sat)
IC=5A, IB=0.5A
-
-
1.0
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=5A, IB=0.5A
-
-
1.8
V
DC Current Gain
hFE
IC=1A, VCE=2V
-
30
-
IC=1.5A, VCE=0.6V
-
60
-
IC=2A, VCE=2V
40
-
150
Collector Capacitance
Cc
VCB=10V, IE=Ie=0
-
36
-
pF
f=1MHz
Emitter Capacitance
Ce
VEB=0.5V, IC=Ic=0
-
440
-
pF
f=1MHz
Transition Frequency
ft
IC=0.5A, VCE=5V
70
-
-
MHz
f=35MHz
Turn on Time When Switched From
ton
VBE=2V to IC=5V,
-
-
0.60
us
IB=0.5A With IBM=
0,5A
Turn on Time When Switched From
toff
IC=5A, IB=0.5A, to -
-
-
1.2
us
VBE=2V with -IBM
=0.5A
Continental Device India Limited
Data Sheet
Page 1 of 2
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BFX34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFX34 PHILIPS-BFX34 Datasheet
52Kb / 8P
NPN switching transistor
1997 Apr 22
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
66Kb / 4P
SILICON NPN TRANSISTOR
Jun-1997
logo
Central Semiconductor C...
BFX34 CENTRAL-BFX34 Datasheet
56Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
BFX34 STMICROELECTRONICS-BFX34 Datasheet
48Kb / 4P
SILICON NPN TRANSISTOR
Aug-2001
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
21Kb / 2P
HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results

Similar Description - BFX34

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com