Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF258 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF258
Description  NPN SILICON HIGH VOLTAGE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF258 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF258 Datasheet HTML 1Page - Continental Device India Limited BF258 Datasheet HTML 2Page - Continental Device India Limited BF258 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON HIGH VOLTAGE TRANSISTORS
BF257, BF 258, BF259
TO-39
Metal Can Package
INTENDED FOR VIDEO OUTPUT STAGES IN BLACK AND WHITE AND IN COLOUR
TELEVISION REVEIVERS.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BF257
BF258
BF259
UNITS
Collector Emitter Voltage
VCEO
160
250
300
V
Collector Base Voltage
VCBO
160
250
300
V
Emitter Base Voltage
VEBO
<----------------5---------------->
V
Collector Current Continuous
IC
<-------------100--------------->
mA
Peak
ICM
<------------300---------------->
mA
Total Power Dissipation @ Ta=25ºC
PD
<------------1.0--------------->
W
Derate Above 25ºC
<---------------6.67------------->
mW/ºC
Total Power Dissipation@ Tc=25ºC
PD
<----------------7---------------->
W
Derate Above 25ºC
<---------------46.67----------->
mW/ºC
Operating And Storage Junction
Tj, Tstg
<---------- -65 to +175------>
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
<----------------150-------------->
ºC/W
Junction to Case
Rth(j-c)
<----------------21.43----------->
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
BF257
BF258
BF259
UNITS
Collector Emitter Breakdown Voltage
BVCEO
IC=10mA,IB=0
>160
>250
>300
V
Collector Base Breakdown Voltage
BVCBO
IC =100µA, IE =0
>160
>250
>300
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, Ic=0
>5
>5
5
V
Collector Cut off Current
ICBO
VCB=100V, IE=0
<0.05
µA
VCB=200V, IE=0
<0.05
µA
VCB=250V, IE=0
<0.05
µA
DC Current Gain
hFE
IC=30mA,VCE=10V
ALL
>25
Collector Emitter Saturation Voltage
VCE(Sat)
IC=30mA,IB=6mA
<1
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=15mA, VCE=10V
TYP
f=100MHz
75
MHz
Collector Base Capacitance
Ccb
IE=0, VCB=30V,f=1MHz
TYP
2.5
pF
*Pulse Test: Pulse Width <300
µs, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BF258

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BF258 STMICROELECTRONICS-BF258 Datasheet
83Kb / 5P
HIGH VOLTAGE VIDEO AMPLIFIERS
Oct-1988
logo
Micro Electronics
BF258 MICRO-ELECTRONICS-BF258 Datasheet
115Kb / 2P
NPN HIGH VOLTAGE VIDEO AMPLIFIER
logo
Central Semiconductor C...
BF258 CENTRAL-BF258 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BF258 SEME-LAB-BF258 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BF258 NJSEMI-BF258 Datasheet
103Kb / 3P
HIGH VOLTAGE VIDEO AMPLIFIERS
More results

Similar Description - BF258

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
NPN Silicon High Voltage Transistors
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
High Voltage Transistors(NPN Silicon)
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
High Voltage Transistors(NPN Silicon)
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
NPN Silicon High-Voltage Transistors
2007-03-29
BFN24 INFINEON-BFN24_11 Datasheet
534Kb / 8P
NPN Silicon High-Voltage Transistors
2011-12-19
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com