Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD907 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD907
Description  PLASTIC POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD907 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD907 Datasheet HTML 1Page - Continental Device India Limited BD907 Datasheet HTML 2Page - Continental Device India Limited BD907 Datasheet HTML 3Page - Continental Device India Limited BD907 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLASTIC POWER TRANSISTORS
BD 905, 907, 909, 911 NPN
BD906, 908, 910, 912 PNP
TO-220
Plastic Package
DESCRIPTION
SYMBOL
905
907
909
911 UNIT
906
908
910
912
Base Emitter on Voltage
VBE(on)*IC=5A, VCE=4V,
1.5
V
DC Current Gain
hFE*
IC=0.5A, VCE=4V
40-250
IC=5A, VCE=4V
15-150
IC=10A, VCE=4V
>5
Transition Frequency
fT
VCE=4V, IC=0.5A,
>3.0
MHZ
*Pulse Test:- Pulse Width<300
µs, Duty Cycle=1.5%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com