Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD534 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BD534
Description  PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BD534 Datasheet(HTML) 2 Page - Continental Device India Limited

  BD534 Datasheet HTML 1Page - Continental Device India Limited BD534 Datasheet HTML 2Page - Continental Device India Limited BD534 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Base current
IB
max.
1.0
A
Total power dissipation up to TC = 25°C Ptot
max.
50
W
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
2.5
°C/W
From junction to ambient
Rth j–a
70
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
533 535 537
534 536 538
Collector cutoff current
IE = 0; VCB = 45 V
ICBO
max. 100
–
–
µA
IE = 0; VCB = 60 V
ICBO
max. –
100
–
µA
IE = 0; VCB = 80 V
ICBO
max. –
–
100 µA
VBE = 0; VCE = 45V
ICES
max. 100
–
–
µA
VBE = 0; VCE = 60V
ICES
max. –
100
–
µA
VBE = 0; VCE = 80V
ICES
max. –
–
100 µA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)*
min.
45
60
80
V
IC = 1 mA; IE = 0
VCBO
min.
45
60
100 V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 2.0 A; IB = 0.2 A
VCEsat*
max.
0.8
V
IC = 6.0 A; IB = 0.6 A
VCEsat*
typ.
0.8
V
Base-emitter on voltage
IC = 2A; VCE = 2V
VBE(on)*
max.
1.5
V
D.C. current gain
IC = 10mA; VCE = 5V
hFE*
min.
20
20
15
IC = 500mA; VCE = 2V
hFE*
min.
40
IC = 2A; VCE = 2V
hFE*
min.
25
25
15
Transition frequency
IC = 500 mA; VCE = 1V
fT
min.
3.0
MHz
hFE Groups:
IC = 2A; VCE = 2V
J
min.
30
max.
75
IC = 3A; VCE = 2V
min.
15
IC = 2A; VCE = 2V
K
min.
40
max.
100
IC = 3A; VCE = 2V
min.
20
* Pulsed: pulse duration = 300 µs; duty cycle = 1.5%.
BD533, BD535, BD537
BD534, BD536, BD538



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com