Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 910
Description  Cartridge Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

910 Datasheet(HTML) 1 Page - Visual Communications Company

  910 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
910/911 Series Lampholders for 900/901 Cartridge Lamps
www.vcclite.com
1.800.522.5546
engineered to light up your design
1
Overview
The 910 Series relampable lampholders accept any 900
Series cartridge lamp. These lampholders are of ruggedized
contruction and are supplied with mounting hardware.
Approvals
UL Recognized and CSA Certified
Specificiations
Housing and Kunurled Ring Nut: Aluminum. Black
anodized finish standard. Clear anodized finish optional.
Other finishes available on special request. A mounting
wrench, #097013, is available for tightening the knurled
ring nuts.
Hex Nut: Brass; nickel finish.
Internal Tooth Lockwasher: Nickel-plated finish.
Terminal Insulator: High dielectric composition.
Terminals: Solder cup, turret pin or solder lug.
Socket: Brass. Bright nickel-plated.
Lens Cap: Heat resistant, high strength polycarbonate.
Lens Marking: Lens style 21 maybe be stamped.
Contact factory.
910 Series Maximum Rating: 3 Watts, 125 Volts.


Similar Part No. - 910

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
910 MAGNETROL-910 Datasheet
1,011Kb / 8P
ECHOTEL짰CONTACTULTRASOUND
logo
List of Unclassifed Man...
910 ETC2-910 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
910 ETC2-910 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
910 ALPHAWIRE-910 Datasheet
160Kb / 3P
M12?륚 Plastic Passive I/O Box
logo
Anderson Power Products...
910 APP-910 Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
More results

Similar Description - 910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
900160J061RN ETC2-900160J061RN Datasheet
466Kb / 3P
CARTRIDGE TYPE LED LAMPS
logo
Pasternack Enterprises,...
PE7301-2000CART PASTERNACK-PE7301-2000CART Datasheet
180Kb / 1P
Replacement Cartridge
logo
Festo Corporation.
EGZ-6-5 FESTO-EGZ-6-5 Datasheet
109Kb / 1P
Cartridge cylinder
EGZ-16-10 FESTO-EGZ-16-10 Datasheet
109Kb / 1P
Cartridge cylinder
EGZ-16-15 FESTO-EGZ-16-15 Datasheet
109Kb / 1P
Cartridge cylinder
logo
PHOENIX CONTACT
5147421 PHOENIX-5147421 Datasheet
55Kb / 2P
Ink cartridge - BLUEMARK FLUID-CARTRIDGE
09/12/2020
logo
Festo Corporation.
159640 FESTO-159640 Datasheet
104Kb / 1P
Filter cartridge
3/10/22
159641 FESTO-159641 Datasheet
105Kb / 1P
Filter cartridge
3/10/22
363665 FESTO-363665 Datasheet
69Kb / 1P
Filter cartridge
3/10/22
526818 FESTO-526818 Datasheet
106Kb / 1P
Filter cartridge
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com