Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC172MLTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC172MLTRT
Description  Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC172MLTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC172MLTRT Datasheet HTML 1Page - Semtech Corporation SC172MLTRT Datasheet HTML 2Page - Semtech Corporation SC172MLTRT Datasheet HTML 3Page - Semtech Corporation SC172MLTRT Datasheet HTML 4Page - Semtech Corporation SC172MLTRT Datasheet HTML 5Page - Semtech Corporation SC172MLTRT Datasheet HTML 6Page - Semtech Corporation SC172MLTRT Datasheet HTML 7Page - Semtech Corporation SC172MLTRT Datasheet HTML 8Page - Semtech Corporation SC172MLTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
© 2010 Semtech Corporation
Pin Configuration
Ordering Information
Marking Information
AGND
TON
BST
VIN
LX
PGND
PGOOD
VDD
EN/PSV
FB
Device
Top Mark
Package(2)
SC172MLTRT(1)
172
MLPD-10 3x3
SC172EVB
Evaluation Board
Notes:
1) Available in tape and reel packaging only. A reel contains 3000
devices.
2) Available in lead-free packaging only. WEEE compliant and Halogen
free. This component and all homogenous sub-components are RoHS
compliant.
θ
JA= 40°C/W.
10 Pin MLPD
172
yyww
xxxx
TOP MARKING
yyww = Date Code(Example: 0952)
xxxx = Semtech Lot Number(Example: 3901)
2
SC172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com