Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4331 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4331
Description  Panel Mount Lenses for T-1 (3mm) LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4331 Datasheet(HTML) 1 Page - Visual Communications Company

  4331 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Panel Mount Lenses for T-1 (3mm) LEDs
Description and Features
Outline Dimensions
Outline Dimensions
Series 4331, 4332, 4333, 4335, 4336, 4337
• This is a smaller version of the 4311 series lenses and
is designed for T-1 LEDs rather than T-1 3/4 LEDs. The
plastic lens provides protection against electrostatic
discharge.
Material: Polycarbonate
Mounting Hole: Snap into Ø.170-.174 hole in panels
.030-.060 thick.
All dimensions in inches.
Series 4351 thru 4357
• Attractive snap-in panel lenses provide wide-angle
viewing plus mechanical security and electrostatic
discharge protection. Ideal for use with T-1 LEDs such
as 4303F series.
Material: Polycarbonate
Mounting Hole: Snap into Ø.187-.192 hole in panels
.020-.097 thick.
4337
Yellow
4336
Blue
4335
Green
4333
Amber
4332
Clear
4331
Red
MODEL LENS COLOR
4357
Yellow
4356
Blue
4355
Green
4354
White
4353
Amber
4352
Clear
4351
Red
MODEL LENS COLOR
.170
Ø.190
.150
.290
.210
.270
.460
DIFFUSION RINGS
HAS FRESNEL
LENS HOUSING
DIFFUSION RINGS
HAS FRESNEL
LENS HOUSING


Similar Part No. - 4331

ManufacturerPart #DatasheetDescription
logo
Heyco.
4331 HEYCO-4331 Datasheet
157Kb / 1P
Unscrewing Snap Rivets
logo
Turck, Inc.
4331500 TURCK-4331500 Datasheet
422Kb / 3P
Inductive Sensor
11/07/2023
logo
Festo Corporation.
4331535 FESTO-4331535 Datasheet
60Kb / 1P
Parallel kit
12/26/22
logo
Turck, Inc.
4331600 TURCK-4331600 Datasheet
419Kb / 3P
Inductive Sensor
11/07/2023
4331700 TURCK-4331700 Datasheet
422Kb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 4331

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4370 CML-4370 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Everlight Electronics C...
204GT EVERLIGHT-204GT Datasheet
60Kb / 4P
3mm Round Standard LEDs, T-1
logo
LUMEX INC.
SSI-LXR1612GD LUMEX-SSI-LXR1612GD Datasheet
58Kb / 1P
T-3mm (T-1) 565mm GREEN LED PANEL INDICATOR
SSI-LXR1612ID LUMEX-SSI-LXR1612ID Datasheet
57Kb / 1P
T-3mm (T-1) 635mm RED LED PANEL INDICATOR
SSI-LXR3612GD LUMEX-SSI-LXR3612GD Datasheet
59Kb / 1P
T-3mm (T-1) 565mm GREEN LED PANEL INDICATOR
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4341 VCC-4341 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
LUMEX INC.
SSI-LX305F4SRD-100 LUMEX-SSI-LX305F4SRD-100 Datasheet
57Kb / 1P
T-3mm LED PANEL MOUNT INDICATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com