Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4321 Datasheet(PDF) 1 Page - Visual Communications Company

Part # 4321
Description  Panel Mount Lenses for T-1 3/4 (5mm) LEDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

4321 Datasheet(HTML) 1 Page - Visual Communications Company

  4321 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
Description and Features
Outline Dimensions
Outline Dimensions
Series 4311, 4312, 4313, 4315, 4316, 4317
• These lenses provide quick and economical panel
mounting, plus electrostatic discharge protection, for T-1
3/4 high dome LEDs. Molded-in Fresnel rings spread
light evenly, provide wide viewing angle viewing (up to
180°) and bright attractive appearance. Use with
narrow-beam LED series 4305H, 4308H and 4310H.
Material: Polycarbonate
Mounting Hole: Snap into Ø.248-.248 hole in panels
.060-.130 thick.
All dimensions in inches.
Series 4321, 4323, 4322, 4325, 4326, 4327
• These lenses provide quick and economical panel
mounting, plus electrostatic discharge protection, for T-1
3/4 high dome LEDs. Molded-in Fresnel rings spread
light evenly, provide wide viewing angle viewing (up to
180°) and bright attractive appearance. Use with
narrow-beam LED series 4305H, 4308H and 4310H.
Material: Polycarbonate
Mounting Hole: Snap into .248-.248 square hole in panels
.060-.130 thick. Square lenses may also be gang
mounted in slotted hole .280 times number of lenses
minus .030 long.
Ø.280
Ø.250
.220
.440
.250 SQ.
.280
.440
.220
.280
4317
Yellow
4316
Blue
4315
Green
4313
Amber
4312
Clear
4311
Red
MODEL LENS COLOR
4327
Yellow
4326
Blue
4325
Green
4323
Amber
4322
Clear
4321
Red
MODEL LENS COLOR


Similar Part No. - 4321

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4321 SCHURTER-4321 Datasheet
271Kb / 2P
Power Supply Cord with CH Power (Mains) Plug 3-pole, Straight
logo
Heyco.
4321 HEYCO-4321 Datasheet
105Kb / 1P
PVC and Nylon LED Spacers
4321 HEYCO-4321 Datasheet
115Kb / 1P
Surface Mount Miniature Connectors
logo
Adafruit Industries
4321 ADAFRUIT-4321 Datasheet
971Kb / 2P
M5StickV AI Camera - Kendryte K210 Chipset (no Wi Wi-Fi)
9-10-19
logo
List of Unclassifed Man...
4321-AQ0025 ETC1-4321-AQ0025 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 4321

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4370 CML-4370 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Roithner LaserTechnik G...
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
LUMEX INC.
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4331 VCC-4331 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
4341 VCC-4341 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com