Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM7331 Datasheet(PDF) 1 Page - Visual Communications Company

Part # CM7331
Description  Midget Flange Base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CM7331 Datasheet(HTML) 1 Page - Visual Communications Company

  CM7331 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
engineered to light up your design
www.vcclite.com
1.800.522.5546
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
T-1 3/4 Midget Flange Base
C -2R
C -2R
C -2R
C -2R
C -2R
C -2R
40,000
1,000
25,000
60,000
5,000
25,000
.150
.450
.050
.030
.150
.050
.115
.190
.060
.060
.060
.120
5.00
5.00
5.00
5.00
5.00
4.50
C M7335
C M7334
C M7332
C M7331
Number
P art
V oltage
Des ign
A mps
MS C P
Hours
L ife
T ype
F ilament
C M331
C M268
C M343
C M368
C M338
C M8848
3.00
3.00
2.70
2.50
2.50
2.50
1.35
.350
.015
.060
.200
.400
.350
.060
.300
.004
.040
.220
.550
.200
.010
10,000
10,000
6,000
500
30
10,000
500
C -2R
C -6
C -2R
C -2R
C -2R
C -2R
C -6
C -2V
C -2R
10,000
1,000
.030
.600*
.040
.200
6.00
6.00
C M345
C M328
CC -2F
C -2F
C -2F
C -2F
C -2F
C -2F
4,000
7,000
10,000
25,000
4,000
2,000
.150
.300
.150
.340
.340
.300
.024
.040
.040
.060
.040
.040
28.0
28.0
28.0
28.0
28.0
22.0
C M6034
C M387
C M385
C M376
C M327
C M459
C M367
C M394
C M330
C M382
C M8918
18.0
14.0
14.0
14.0
12.0
11.0
10.0
.040
.100
.080
.080
.040
.022
.040
.150
.500
.300
.500
.120
.030
.080
10,000
10,000
15,000
1,500
10,000
10,000
5,000
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
C -2F
4,000
5,000
.300
.650
.040
.065
32.0
28.0
C M269
C M7341
CC -2F
5,000
.200
.025
48.0
C -2F
1,000
.500
.050
24.0
C M375
C M3150
C M7333
C M344
C M7338
C M370
C M8176
C M6848
* Lamp MS C P is .340 @ 5.0V
MAX.
.230
MAX.
.250
MAX.
625
C -2F
C -2R
C -2R
C -2R
C -2V
C -2F
C -2F
50,000
5,000
3,000
1,000
20,000
20,000
50,000
.100
.550
.450
.230
.020
.400
.002
.200
.200
.150
.075
.040
.200
.014
6.00
6.30
6.30
6.30
6.30
6.30
10.0
C M381
C M380
C M377
C M350
C M349
C M7336


Similar Part No. - CM7331

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM7331 CML-CM7331 Datasheet
222Kb / 1P
T-1 3/4 Midget Flange Base
More results

Similar Description - CM7331

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM331 CML-CM331 Datasheet
222Kb / 1P
T-1 3/4 Midget Flange Base
CM7234 CML-CM7234 Datasheet
221Kb / 1P
T-1 Sub-Midget Flange Base
CM7302 CML-CM7302 Datasheet
224Kb / 1P
T-1 1/4 Special Midget Flange Base
logo
Visual Communications C...
920 VCC-920 Datasheet
1Mb / 4P
Midget Flange incandescent Lampholders
925 VCC-925 Datasheet
508Kb / 1P
Midget Flange incandescent Lampholders
CM8-374 VCC-CM8-374 Datasheet
57Kb / 1P
Wire Terminal, Midget Flange Base Lens End
CM698 VCC-CM698 Datasheet
32Kb / 1P
Midget Groove Base
CM6151 VCC-CM6151 Datasheet
33Kb / 1P
Sub-Midget Flange Base, Wire Terminal
CM7234 VCC-CM7234 Datasheet
54Kb / 1P
Sub-Midget Flange Base
CM7302 VCC-CM7302 Datasheet
36Kb / 1P
Midget Flange Base, Bi-Pin Base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com