Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT45DB321D-CU Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 27Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 28Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
30
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Table 16-3. AC Characteristics – RapidS / Serial Interface
Symbol
Parameter
AT45DB321D
(2.5V Version)
AT45DB321D
Min
Typ
Max
Min
Typ
Max
Unit
fSCK
SCK frequency
50
66
MHz
fCAR1
SCK frequency for continuous array read
50
66
MHz
fCAR2
SCK frequency for continuous array read
(Low frequency)
33
33
MHz
tWH
SCK high time
6.8
6.8
ns
tWL
SCK low time
6.8
6.8
ns
tSCKR(1)
SCK rise time, peak-to-peak (slew rate)
0.1
0.1
V/ns
tSCKF(1)
SCK fall time, peak-to-peak (slew rate)
0.1
0.1
V/ns
tCS
Minimum CS high time
50
50
ns
tCSS
CS setup time
5
5
ns
tCSH
CS hold time
5
5
ns
tCSB
CS high to RDY/BUSY low
100
100
ns
tSU
Data in setup time
2
2
ns
tH
Data in hold time
3
3
ns
tHO
Output hold time
0
0
ns
tDIS
Output disable time
27
35
27
35
ns
tV
Output valid
8
6
ns
tWPE
WP low to protection enabled
1
1
μs
tWPD
WP high to protection disabled
1
1
μs
tEDPD
CS high to deep power-down mode
3
3
μs
tRDPD
CS high to standby mode
35
35
μs
tXFR
Page to buffer transfer time
300
300
μs
tcomp
Page to buffer compare time
300
300
μs
tEP
Page erase and programming time
(512-/528-bytes)
17
40
17
40
ms
tP
Page programming time (512/528 bytes)
3
6
3
6
ms
tPE
Page erase time (512/528 bytes)
15
35
15
35
ms
tBE
Block erase time (4,096/4,224 bytes)
45
100
45
100
ms
tSE
Sector erase time (131,072/135,168 bytes)
1.6
5
1.6
5
s
tCE
Chip erase time
TBD
TBD
TBD
TBD
s
tRST
RESET pulse width
10
10
μs
tREC
RESET recovery time
1
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com