Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9822E Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9822E
Description  Octal serial solenoid driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9822E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9822E Datasheet HTML 7Page - STMicroelectronics L9822E Datasheet HTML 8Page - STMicroelectronics L9822E Datasheet HTML 9Page - STMicroelectronics L9822E Datasheet HTML 10Page - STMicroelectronics L9822E Datasheet HTML 11Page - STMicroelectronics L9822E Datasheet HTML 12Page - STMicroelectronics L9822E Datasheet HTML 13Page - STMicroelectronics L9822E Datasheet HTML 14Page - STMicroelectronics L9822E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L9822E
Functional description
11/17
4.4
Output stages
The output stages provide an active low drive signal suitable for 0.75 A continuous loads.
Each output has a current limit circuit which limits the maximum output current to at least
1.05A to allow for high inrush currents. Additionally, the outputs have internal zeners set to
36 volts to clamp inductive transients at turn-off. Each output also has a voltage comparator
observing the output node. If the voltage exceeds 1.8 V on an ON output pin, a fault
condition is assumed and the latch driving this particular stage is reset, turning the output
OFF to protect it. The timing of this action is described below. These comparators also
provide diagnostic feedback data to the shift register. Additionally, the comparators contain
an internal pulldown current which will cause the cell to indicate a low output voltage if the
output is programmed OFF and the output pin is open circuited.
4.5
Timing data transfer
Figure 5 shows the overall timing diagram from a byte transfer to and from the L9822E using
the SPI bus.
4.5.1
CE high to low transition
The action begins when the Chip Enable (CE) pin is pulled low. The tri-state Serial Output
(SO) pin driver will be enabled entire time that CE is low. At the falling edge of the CE pin,
the diagnostic data from the voltage comparators in the output stages will be latched into the
shift register. If a particular output is high, a logic one will be jammed into that bit in the shift
register. If the output is low, a logic zero will be loaded there. The most significant bit (07)
should be presented at the Serial Input (SI) pin. A zero at this pin will program an output ON,
while a one will program the output OFF.
4.5.2
SCLK transitions
The Serial Clock (SCLK) pin should then be pulled high. At this point the diagnostic bit from
the most significant output (07) will appear at the SO pin. A high here indicates that the 07
pin is higher than 1.8 V. The SCLK pin should then be toggled low then high. New SO data
will appear following every rising edge of SCLK and new SI data will be latched into the
L9822E shift register on the falling edges. An unlimited amount of data may be shifted
through the device shift register (into the SI pin and out the SO pin), allowing the other SPI
devices to be cascaded in a daisy chain with the L9822E.
4.5.3
CE low to high transition
Once the last data bit has been shifted into the L9822E, the CE pin should be pulled high. At
the rising edge of CE the shift register data is latched into the parallel latch and the output
stages will be actuated by the new data. An internal 160 µs delay timer will also be started at
this rising edge (see tUD). During the 160ms period, the outputs will be protected only by the
analog current limiting circuits since the resetting of the parallel latches by faults conditions
will be inhibited during this period.
This allows the part to overcome any high inrush currents that may flow immediately after
turn on. Once the delay period has elapsed, the output voltages are sensed by the
comparators and any output with voltages higher than 1.8 V are latched OFF. It should be
noted that the SCLK pin should be low at both transitions of the CE pin to avoid any false
clocking of the shift register. The SCLK input is gated by the CE pin, so that the SCLK pin is
ignored whenever the CE pin is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com