Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX71G Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCX71G
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCX71G Datasheet(HTML) 2 Page - Continental Device India Limited

  BCX71G Datasheet HTML 1Page - Continental Device India Limited BCX71G Datasheet HTML 2Page - Continental Device India Limited BCX71G Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current (d.c.)
–I C
max.
200 mA
Base current
–lB
max.
50 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 ° C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
=
500 K/W
CHARACTERISTICS
Tamb = 25 °C unless otherwise specified
Collector–emitter cut–off current
VEB = 0; –VCE = 45 V
–ICES
<20 nA
VEB = 0; –VCE = 45 V; Tamb = 150 °C
–ICES
<20 mA
Emitter–base cut–off current
IC = 0; –VEB = 4 V
–IEB0
<20 nA
Saturation voltages
–VCEsat 0,06 to 0,25 V
–IC = 10 mA; –IB = 0,25 mA
–VBEsat 0,6 to 0,85 V
–VCEsat 0,12 to 0,55 V
–IC = 50 mA; –lB = 1,25 mA
–VBEsat 0,68 to 1,05 V
Transition frequency at f = 100 MHz ·
–VCE = 5 V; –IC = 10 mA
fT
typ.
180 MHz
Capacitance
at f = 1 MHz
–VCB = 10 V; IE = Ie = 0
Cc
typ.
4,5 pF
Emitter capacitance at f = 1 MHz
–VEB = 0,5 V; IC = Ic = 0
Ce
typ.
11 pF
Noise figure at RS = 2 kW
–VCE = 5 V; –IC = 200 mA; B = 200 Hz
F
typ.
2 dB
<6 dB
BCX71G 71H
71J
71K
D.C. current gain
–VCE = 5 V; –IC = 10mAhFE
>
–
30
40
100
–VCE = 5 V; –IC = 2 mA
hFE
>
120
180
250
380
<
220
310
460
630
–VCE = 1 V; –IC = 50 mA
hFE
>
60
80
100
110
Small-signal current gain
–VCE = 5 V; –IC = 2 mA; f = 1 kHz hfe
>
125
175
250
350
<
250
350
500
700
Output admittance
–VCE = 5 V; –IC = 2 mA; f = 1 kHz hoe
typ.
18
24
30
50 mS
Base-emitter voltage
–VCE = 5 V; –IC = 2 mA
VBE
0,6 to 0.75
V
typ.
0,65
V
–VCE = 5 V; –IC = 10 mAVBE
typ.
0,55
V
–VCE = 1 V; –IC = 50 mA
VBE
typ.
0,72
V
BCX71G BCX71H
BCX71J BCX71K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com