Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW69 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BCW69
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BCW69 Datasheet(HTML) 2 Page - Continental Device India Limited

  BCW69 Datasheet HTML 1Page - Continental Device India Limited BCW69 Datasheet HTML 2Page - Continental Device India Limited BCW69 Datasheet HTML 3Page - Continental Device India Limited BCW69 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 4
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
–VCB0
max.
50 V
Collector–emitter voltage (VBE = 0)
–VCES
max.
50 V
Collector–emitter voltage (open base)
–IC = 2 mA
–VCE0
max.
45 V
Emitter–base voltage (open collector)
–VEB0
max.
5 V
Collector current (d.c.)
–I C
max.
100 mA
Collector current (peak value)
–ICM
max.
200 mA
Total power dissipation up to Tamb = 25 °C
Ptot
max.
250 mW
Storage temperature
Tstg
–55 to +150 °C
Junction temperature
Tj
max.
150 °C
THERMAL RESISTANCE
From junction to ambient
Rth j–a
=
500 K/W
CHARACTERISTICS
Ti = 25 °C unless otherwise specified
Collector cut–off current
IE = 0; –VCB = 20 V
–ICB0
<
100 nA
IE = 0; –VCB = 20 V; Tj = 100 °C
–ICB0
<10
µA
Base–emitter voltage
–IC = 2 mA; –VCE = 5 V
–VBE
600 to 750 mV
Saturation voltages
–IC = 10 mA; –lB = 0,5 mA
–VCEsat typ.
80 mV
<
300 mV
–VBEsat typ.
720 mV
–IC = 50 mA; –lB = 2,5 mA
–VCEsat typ.
150 mV
–VBEsat typ.
810 mV
D.C. current gain
BCW69
BCW70
–IC = 10 µA; –VCE = 5 V
hFE
typ.
90
150
–IC = 2 mA; –VCE = 5 V
>
120
215
hFE
<
260
500
Collector capacitance at f: 1 MHz
lE = Ie = 0; –VCB = 10 V
Cc
typ.
4,5
pF
Transition frequency at f = 35 MHz
–IC: 10 mA; –VCE = 5 V
fT
typ.
150
MHz
Noise figure at RS = 2 kΩ
–IC = 200 µA; –VCE = 5 V
f = 1 kHz; B = 200 Hz
F
<
10
dB
BCW69
BCW70



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com