Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC560 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BC560
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC560 Datasheet(HTML) 3 Page - Continental Device India Limited

  BC560 Datasheet HTML 1Page - Continental Device India Limited BC560 Datasheet HTML 2Page - Continental Device India Limited BC560 Datasheet HTML 3Page - Continental Device India Limited BC560 Datasheet HTML 4Page - Continental Device India Limited BC560 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
BC559, B, C
BC560, B, C
TO-92
Plastic Package
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Base Emitter Saturation Voltage
VBE(sat)
IC=100mA,IB=5mA*
1.1
V
Base Emitter On Voltage
VBE(on)
IC=10uA,VCE=5V
0.52
V
IC=100uA,VCE=5V
0.55
V
IC=2mA,VCE=5V
0.55
0.70
V
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
DYNAMICS CHARACTERISTICS
Transition Frequency
fT
IC=10mA, VCE=5V
f=100MHz
250
MHz
Collector Base Capacitance
Ccbo
VCB =10V, IE =0,
2.5
pF
f =1MHz
Noise Figure
NF1
VCE =5V,IC=200uA
2.0
dB
RS=2KW,f=30HZ To
15KHz
NF2
VCE =5V,IC=200uA
10
dB
RS=100KW,f=1.0KHZ
f=200Hz
Small Signal Current Gain
B
| hfe |VCE =5V,IC=2mA
240
500
C
f=1kHZ
450
900
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com