Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC550 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC550
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC550 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC550 Datasheet HTML 1Page - Continental Device India Limited BC550 Datasheet HTML 2Page - Continental Device India Limited BC550 Datasheet HTML 3Page - Continental Device India Limited BC550 Datasheet HTML 4Page - Continental Device India Limited BC550 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549,A.B,C
BC550,A,B,C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
DC Current Gain
hFE
IC=10µA, VCE=5V
B/C
100
IC=2mA, VCE=5V
BC549A/BC550A
110
220
BC549B/550B
200
450
BC549C/550C
420
800
BC549/550
110
800
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
IC=10mA, IB=See Note (1)
0.60
V
*IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=100mA, IB=5mA
V
Base Emitter On Voltage
VBE (on)
IC=10µA, VCE=5V
V
IC=100µA, VCE=5V
V
IC=2mA, VCE=5V
0.55
0.70
V
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Transistors Frequency
fT
IC=10mA, VCE=5V, f=100MHz
MHz
Collector Base Capacitance
Ccbo
VCE=10V, IE=0, f=1MHz
pF
Small Signal Current
hfe
IC=2mA, VCE=5V, f=1KHz
BC549/550
125
900
BC549B/550B
240
500
BC549C/550C
450
900
Noise Figure
NF
IC=200µA, VCE=5V, RS=2 kΩ,
f=30 Hz - 15KHz
2.5
dB
IC=200µA, VCE=5V, RS=100
k
Ω, f=1KHz
10
dB
Note 1- IB is value for which IC= 11mA at VCE=1V
*Pulse Test = 300
µµs - Duty Cycle = 2%
BC549_550Rev_1 081205E
TYP
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
2.5
1.1
250
TYP
0.52
0.55
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com