Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC369 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC369
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC369 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC369 Datasheet HTML 1Page - Continental Device India Limited BC369 Datasheet HTML 2Page - Continental Device India Limited BC369 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
DC Current Gain
hFE
IC=5mA, VCE=10V
50
-
-
IC=500mA,VCE=1V
85
-
375
hFE Group IC=500mA,VCE=1V
-10
63
160
-16
100
250
-25
160
400
IC=1A, VCE=1V
60
-
DYNAMIC CHARACTERISTICS
Collector Capacitance
Cc
IE=0, VCB=5V,f=450kHz
-
-
60
pF
Transition frequency
ft
IC=10mA,VCE=5V,f=35MHZ
40
-
MHz
TO-92 Transistors on Tape and Ammo Pack
TO-92 Plastic Package
TO-92 Bulk
TO-92 T&A
1K/polybag
2K/ammo box
200 gm/1K pcs
645 gm/2K pcs
3" x 7.5" x 7.5"
12.5" x 8" x 1.8"
5.0K
2.0K
17" x 15" x 13.5"
17" x 15" x 13.5"
80.0K
32.0K
23 kgs
12.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
CUM U LAT IV E P IT CH
E RRO R 1.0 m m /20
PITCH
TO BE M EASU RED AT
B OT TOM O F CLIN CH
AT TO P OF BO DY
t1 0.3 - 0.6
BOD Y W IDT H
B ODY HEIG HT
BOD Y T HICKNESS
P ITCH OF COM P O NE NT
FEED HO LE PIT CH
FE E D HO LE CE NTRE TO
CO M P ONE NT CE NTRE
DISTAN CE BETW EEN O UTE R
LEADS
CO M P ONE NT A LIGN M EN T
TAPE W IDTH
HO LD-DO W N TAP E W IDTH
HO LE PO S ITIO N
HO LD-DO W N TAPE POSIT IO N
LE A D W IRE C LINCH HE IG HT
CO M P ONE NT HE IGHT
LE NG TH O F SNIPPED LEADS
FEED HO LE DIAM ET ER
TO TA L TAPE THIC KNESS
LEAD - TO - LEAD DISTANCE F 1,
CLINC H HE IGHT
P ULL - O UT F OR CE
ITE M
A1
A
T
P
Po
P2
F
h
W
Wo
W1
W2
Ho
H1
L
Do
t
F2
H2
(P )
SYM BO L
S P EC IFICATIO N
4.0
4.8
3.9
6N
MIN.
12.7
12.7
6.35
5.08
0
18
6
9
0.5
16
4
2.54
NO M .
4.8
5.2
4.2
1
23.25
11.0
1.2
3
M AX.
±1
±0.3
±0.4
+0.6
-0.2
±0.5
±0.2
+0.7
-0.5
±0.2
±0.5
±0.2
+0.4
-0.1
TO L .
RE M A RK S
NOTES
1. M A X IM U M A L IG N M EN T D E V IAT IO N BE TW E E N LEAD S N O T TO BE G R EATER TH AN 0.2 m m .
2 . M A XIM U M NON -CUM U L AT IV E VA RIAT IO N BE T W EE N TA P E F E ED HO L E S SH AL L N O T EX CE E D 1 m m IN 2 0
P IT C H E S .
3. H O LD DO W N TA P E N O T TO E X C EED BE YO ND TH E E D G E ( S ) O F C A R R IE R TA P E AN D THE R E SH ALL BE NO
EX PO SU R E O F AD HE SIV E .
4. N O M O R E TH AN 3 CO N S E C U T IV E M ISS IN G CO M P ON EN TS ARE PE RM IT T E D .
5. A TA P E TR AILE R, H AVIN G AT LE AS T TH RE E FE ED HO LES AR E R E Q U IR ED AF TER THE LAS T CO M P O N EN T.
6. SP LICE S S H A LL NO T IN TER F ER E W ITH T H E SPR O C K E T F EED H O LE S.
All dim ensions in m m unless specified otherw ise
Amm o Pack Style
Ad hesive Tape on To p Sid e
FL AT SIDE
MECHANICAL DATA
T
t1
t
F1
F2
F
P2
Po
Do
(p )
W2
Wo
W1
W
H1
A
A1
P
H0
L
Flat S id e o f Tran sistor and
Ad hesive Tape Visib le
20 00 pcs./A m mo P ack
LA BE L
Carrier
Strip
8.2"
13"
FE
ED
1.77
"
h
h
B
3 2 1
D
A A
SEC AA
G
D
F
F
3 2 1
3
2
1
DIM
M IN.
M AX.
A
4.32
5.33
B
4.45
5.20
C
3.18
4.19
D
0.41
0.55
E
0.35
0.50
F5 DEG
G
1.14
1.40
H
1.14
1.53
K
12.70
—
PIN CONFIGURATION
1. BASE
2. COLLECTOR
3. EM ITTER
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com