Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC394 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC394
Description  SILICON PLANAR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC394 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC394 Datasheet HTML 1Page - Continental Device India Limited BC394 Datasheet HTML 2Page - Continental Device India Limited BC394 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR TRANSISTORS
BC393 PNP
BC394 NPN
TO-18
Metal Can Package
High Voltage Transistors
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
BC393
UNIT
Collector Emitter Voltage
VCEO
180
V
Collector Base Voltage
VCBO
180
V
Emitter Base Voltage
VEBO
6
V
Collector Current Continuous
IC
0.50
A
Power Dissipation @ Ta=25ºC
PD
0.40
W
Derate Above 25ºC
2.27
mW/ ºC
Power Dissipation @ Tc=25ºC
PD
1.40
W
Derate Above 25ºC
8.00
mW/ ºC
Operating and Storage Junction
Temperature Range
Tj, Tstg
- 65 to +200
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
Rth (j-a)
440
ºC/W
Junction to Case
Rth (j-c)
125
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=10mA, IB=0
180
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
180
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
6
V
Collector Cut off Current
ICBO
VCB=100V, IE=0
50
nA
Collector Cut off Current
ICEO
VCE=100V, IB=0, Ta=150ºC
50
µΑ
DC Current Gain
*hFE
IC=10mA, VCE=10V
50
Collector Emitter Saturation Voltage
*VCE (sat)
IC=10mA, IB=1mA
0.3
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
0.9
V
*Pulse Test: Pulse width=300
µµs, Duty cycle = 2%
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Transition frequency
fT
IC=20mA, VCE=20V, f=20MHz
50
200
MHz
Output Capacitance
Cob
VCB=20V, IE=0, f=1MHz
7
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
75
pF
SWITCHING TIMES
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Turn on Time
ton
IC=50mA, IB1=10mA, VCC=100V
100
ns
Turn on Time
toff
IC=50mA, IB2=10mA, VCC=100V
400
ns
180
BC394
180
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC394

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
HIGH VOLTAGE AMPLIFIER
Jan-1989
logo
Central Semiconductor C...
BC394 CENTRAL-BC394 Datasheet
33Kb / 1P
Small Signal Transistors
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
621Kb / 5P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Seme LAB
BC394 SEME-LAB-BC394 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18
BC394CSM SEME-LAB-BC394CSM Datasheet
22Kb / 2P
HIGH VOLTAGE NPN AMPLIFIER TRANSISTOR
More results

Similar Description - BC394

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
SILICON PLANAR POWER TRANSISTORS
MZT2955 CDIL-MZT2955 Datasheet
186Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CIL928A CDIL-CIL928A Datasheet
106Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N3019 COMSET-2N3019_12 Datasheet
92Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY58 COMSET-BCY58_12 Datasheet
86Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY78 COMSET-BCY78_12 Datasheet
156Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
SILICON PLANAR POWER TRANSISTORS
BFY50 CDIL-BFY50 Datasheet
138Kb / 4P
SILICON PLANAR TRANSISTORS
BF840 CDIL-BF840 Datasheet
85Kb / 3P
SILICON PLANAR TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com