Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC308A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC308A
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC308A Datasheet(HTML) 2 Page - Continental Device India Limited

  BC308A Datasheet HTML 1Page - Continental Device India Limited BC308A Datasheet HTML 2Page - Continental Device India Limited BC308A Datasheet HTML 3Page - Continental Device India Limited BC308A Datasheet HTML 4Page - Continental Device India Limited BC308A Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR EPITAXIAL TRANSISTORS
BC 307, A, B, C
BC 308, A, B, C
BC 309, A, B, C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNITS
Collector Emitter Breakdown
BVCEO
IC=2mA,IB=0
Voltage
BC307
45
V
BC308, BC309
25
V
Emitter Base Breakdown Voltage
BVEBO
IE=100uA, IC=0
5V
Collector Emitter Leakage Current
BC307
ICES
VCES =50V, VBE =0
15
nA
BC308, BC309
VCES =30V, VBE =0
15
nA
BC307
VCES =50V, VBE =0,
4
µA
TA =125
oC
BC308, BC309
VCES =30V, VBE =0,
4
µA
TA =125
oC
DC Current Gain
A
hFE
IC=10uA,VCE=5V
90
B
150
C
270
BC307, BC308, BC309
IC=2mA,VCE=5V
120
800
A
120
170
220
B
200
290
460
C
420
500
800
A
IC=2mA,VCE=5V*
120
B
180
C
300
Collector Emitter Saturation
VCE(sat) IC=10mA,IB=0.5mA
0.10
0.3
V
Voltage
IC=100mA,IB=5mA
0.25
V
Base Emitter Saturation Voltage
VBE(sat) IC=10mA,IB=0.5mA
0.7
V
IC=100mA,IB=5mA
1.0
V
Base Emitter On Voltage
VBE(on) IC=2mA,VCE=5V
0.55
0.62
0.7
V
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com