Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSS112BTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # LSS112BTP
Description  5MM THREADED MOISTURE SEALED LITEPIPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LSS112BTP Datasheet(HTML) 1 Page - Visual Communications Company

  LSS112BTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.307in
7.8mm
.XXX
.370
9.40mm
1.32"
LITEPIPE
XXX =
.320"
LENGTH
032
052
.720"
.92"
112
XXX =
COLOR
RED TRANSPARENT
092
1.12"
132
CLEAR TRANSPARENT
.520"
072
ASSEMBLY
CTP
LENS
RTP
XXX
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
REQUEST
AVAILABLE UPON
CUSTOM LENGTHS
XXX
LCS
ORDERING CODE:
ATP
REVISIONS
ECN #
REV.
DESCRIPTION
DATE
INITIALS CHK'D
001
REVISED PER ECR 111009AZ01
8/18/10
KH
DZ
002
MODIFIED GENERAL TOLERANCE .XX
11/29/11
KH
AZ
5MM THREADED
THE INFORMATION CONTAINED IN THIS
PERMISSION OF VISUAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
8/19/10
PROHIBITED.
DATE
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
1'
OTHERWISE SPECIFIED
A WHOLE WITHOUT THE WRITTEN
MM
GENERAL TOLERANCES UNLESS
INCHES
.508
.381
.127
.005
.020
.015
.XXX
2
1
DIMENSION STYLE: INCHES [MM]
EDGES .030 MAX
DRAWN
VISUAL COMMUNICATIONS COMPANY, INC.
B
SCALE: 5:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
.XX
002
ANGLE
.X
APPROVAL
LCS XXX XXX
8/18/10
KHOWARD
DPZ
SEE NOTES
REV
DWG. NO.
ANY REPRODUCTION IN PART OR AS
SEE NOTES
FINISH
BREAK ALL CORNERS AND SHARP
PROPRIETARY AND CONFIDENTIAL
TITLE:
LITEPIPE
MOISTURE SEALED
DRAWING IS THE SOLE PROPERTY OF
COMMUNICATIONS COMPANY, INC IS
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
OPTOELECTRONICS
CHECKED
NOTES:
MOUNTING: Mounts in a
.312 .002 (
7.92mm 0.051) panel hole on .500 (12.7mm) centers.
1.
Panel thickness .031 (.8mm) to .125 (3.18mm). Panel hole shall be deburred, but not chamfered.
ASSEMBLY: Insert Litepipe through the panel hole, slide lock washer onto lens barrel on litepipe
2.
and twist on retaining ring. Slide PCB into position aligning LED with the end of the Litepipe unit.
MATERIAL: Litepipe - Acrylic ( Clear optical grade) UL 94-HB
3.
Lens - Polycarbonate UL 94-V2
Seal - EPDM
Lock washer - FH Steel, Nickel Plate
Retaining Nut - Thermoplastic (white) UL 94-V0
4.
Meets NEMA 6P/IP 67 standards
5.
U.S. & Foreign Pat. Issued
WASHER
NUT
RETAINING
LOCK
MOISTURE SEAL
.432in
10.97mm
0.86mm±0.08
.034in±.003
.200in
5.08mm
.430
10.93mm
3.81mm
.150in
.016in
0.41mm
.344in
8.74mm


Similar Part No. - LSS112BTP

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LSS SAMTEC-LSS Datasheet
700Kb / 8P
0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
LSS-110-03-L-DV-A SAMTEC-LSS-110-03-L-DV-A Datasheet
153Kb / 2P
DESIGNED & DIMENSIONED IN MILLIMETERS
LSS-130-02-L SAMTEC-LSS-130-02-L Datasheet
760Kb / 1P
HIGH SPEED HERMAPHRODITIC STRIP
logo
Ironwood Electronics.
LSS-BGA217C-05 IRONWOOD-LSS-BGA217C-05 Datasheet
146Kb / 1P
Primary dimension units are millimeters
More results

Similar Description - LSS112BTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSS-MOISTURE ETC2-LSS-MOISTURE Datasheet
56Kb / 1P
LSS- Moisture-sealed
LSSXXXXXX ETC2-LSSXXXXXX Datasheet
92Kb / 1P
ASSY, 3MM MOISTURE SEALED LITEPIPE
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
Hermetically Sealed Threaded Case Filters
logo
Visual Communications C...
FLX3 VCC-FLX3 Datasheet
28Kb / 1P
LITEPIPE 3MM FLEXFIRE FLEXIBLE
LCV VCC-LCV Datasheet
75Kb / 1P
5MM ROUND LITEPIPE
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
LCS032RTP VCC-LCS032RTP Datasheet
87Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
Hermetically Sealed Threaded Case Filters
logo
Keystone Electronics Co...
25508 KEYSTONE-25508 Datasheet
213Kb / 1P
5mm THREADED HEX STANDOFF
7.18.06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com