Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC632A Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC632A
Description  1MHz Fixed 5.0V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC632A Datasheet(HTML) 1 Page - Semtech Corporation

  SC632A Datasheet HTML 1Page - Semtech Corporation SC632A Datasheet HTML 2Page - Semtech Corporation SC632A Datasheet HTML 3Page - Semtech Corporation SC632A Datasheet HTML 4Page - Semtech Corporation SC632A Datasheet HTML 5Page - Semtech Corporation SC632A Datasheet HTML 6Page - Semtech Corporation SC632A Datasheet HTML 7Page - Semtech Corporation SC632A Datasheet HTML 8Page - Semtech Corporation SC632A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT

SC632A
1MHz Fixed 5.0V Output
Charge Pump Regulator
Features
Input voltage range — 2.95V to 5.5V
V
OUT tolerance — 5.0V ±3%
Continuous output current — 275mA
Peak output current — 400mA
Three charge pump modes — x, .5x and 2x
Output ripple voltage — 50mV
PP , typical
Short circuit, over-voltage, and over-temperature
protection
Soft-start functionality
Shutdown current — 0.µA, typical
Ultra thin package — 2 x 2 x 0.6 (mm)
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Mobile phones
Tablets
USB On-The-Go
Multi-LED backlit LCDs
Compact flash/CF+ products
Digital video cameras
DVI/HDMI ports
Wi-Fi base stations
Modems
Set-top boxes
Description
The SC632A is a high-current voltage regulator using
Semtech’s proprietary low-noise charge pump technol-
ogy. The charge pump provides a low EMI solution
compared to inductive boost regulators. Performance is
optimized for use in single Li-Ion battery cell applications.
The regulator provides the performance of a linear, low
drop-out (LDO) voltage regulator when the input is greater
than 5.0V. Unlike an LDO, drop-out is avoided when the
input is less than 5.0V. Instead, a charge pump is activated
to provide voltage boost and the head-room needed for
voltage regulation.
The SC632A’s charge pump has three modes of operation:
2x, .5x, and x modes. 2x and .5x are voltage boost
modes that deliver current to the load in each of two
phases. The x mode turns off the charge pump, deliver-
ing current through an LDO. Hysteresis is provided to
prevent chatter between charge pump modes. When
active, the charge pump provides low-ripple operation at
MHz. Typically the output ripple is 50mVpp at the
maximum continuous current rating of 275mA.
A small 2.2µF capacitor is recommended for all four capaci-
tors. The full rated output current is provided when 2.2µF
is used for both bucket capacitors. At the output, a 2.2µF
capacitor decouples the load and provides smoothing for
mode transitions, while another 2.2µF is used to decouple
the input.
SC632A
VBAT
VOUT = 5.0V @ 275mA
OUT
C1+
IN
GND
EN
C1-
C2+
C2-
CIN
2.2µF
COUT
2.2µF
C1
2.2µF
C2
2.2µF
Chip
enable
Typical Application Circuit
Revision .0
US Patent: 7,808,220
© 20 Semtech Corporation


Similar Part No. - SC632A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
More results

Similar Description - SC632A

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC633 SEMTECH-SC633 Datasheet
514Kb / 15P
Fixed 5.3V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com