Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-311SPP-CV4 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-311SPP-CV4
Description  InGaAs PD PREAMP MODULE FOR THE 1.31 um AND 1.55 um WAVELENGTH RANGE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-311SPP-CV4 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-311SPP-CV4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-311SPP-CV4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-311SPP-CV4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-311SPP-CV4
InGaAs PD PREAMP MODULE FOR THE 1.31
µm AND 1.55 µm WAVELENGTH RANGE
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°C,λ=1.3µm,VCC=3.3V,VEE=0V unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Detection range
-
-
1000
-
1600
nm
Responsivity(Note 1)
R
CW
0.75
0.85
-
A/W
Transimpedance
Zt
AC,f=1MHz
AGC_off
(Note 1)
-
6
-
k
Ω
Cutoff frequency
fc
AC,RL=50
Ω
(Note 2)
420
-
-
MHz
Average
input
equivalent
noise current density
in
AC,RL=50
Ω,100kHz~420MHz
(Note 2)
-
2.5
-
pA/
√Hz
Output impedance
Zo
(Emitter follower)
(Note 3)
-
Low
-
Ω
Sensitivity
Pr
-
-32
-28
Over load power
Po
AC,RL=50
Ω,
NRZ,622.08Mbps.,
PRBS=2^23-1,BER=10^-10,
VPD=3.3V
(Note 2)
-8
-5
-
dBm
Power supply voltage
VCC
VEE=0V
3.135
3.3
3.465
V
Power supply current
ICC
VCC=3.3V
-
15
20
mA
Optical return loss
Prtn
-
25
-
-
dB
Note 1. Transimpedance value apply when AGC function is fully off.
Note 2. Impedance changer (Emitter follower to 50
Ω) used.
Note 3. Preamp output buffer can not drive of the 50
Ω load. Please connect to the high impedance circuit.
OPTICAL FIBER SPECIFICATION
Parameter
Limits
Unit
Fiber type
Single mode
-
Mode filed dia.
9.5
±1
µm
Cladding dia.
125
±2
µm
Jacket dia.
0.9 typ.
mm
Connector type
FC
-
Connector return loss
40(min)
dB
BLOCK DIAGRAM
TZ7-99-408 (3/4)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com