Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT361 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT361_14 Datasheet HTML 1Page - Active-Semi, Inc ACT361_14 Datasheet HTML 2Page - Active-Semi, Inc ACT361_14 Datasheet HTML 3Page - Active-Semi, Inc ACT361_14 Datasheet HTML 4Page - Active-Semi, Inc ACT361_14 Datasheet HTML 5Page - Active-Semi, Inc ACT361_14 Datasheet HTML 6Page - Active-Semi, Inc ACT361_14 Datasheet HTML 7Page - Active-Semi, Inc ACT361_14 Datasheet HTML 8Page - Active-Semi, Inc ACT361_14 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
As shown in the Functional Block Diagram, to
regulate the output voltage in CV (constant voltage)
mode, the ACT361 compares the feedback voltage
at FB pin to the internal reference and generates an
error signal to the pre-amplifier. The error signal,
after filtering out the switching transients and
compensated with the internal compensation
network, modulates the external NPN transistor
peak current at CS pin with current mode PFWM
(Pulse Frequency and Width Modulation) control.
To regulate the output current in CC (constant
current) mode, the oscillator frequency is modulated
by the output voltage.
SW is a driver output that drives the emitter of an
external high voltage NPN transistor. This base-
emitter-drive method makes the drive circuit the
most efficient.
Fast Startup
VDD is the power supply terminal for the ACT361.
During startup, the ACT361 typically draws only
20μA supply current. The startup resistor from the
rectified high voltage DC rail supplies current to the
base of the NPN transistor. This results in an
amplified emitter current to VDD through the SW
pin
via
Active-Semi's
proprietary
fast-startup
circuitry until it exceeds the VDDON threshold 19V. At
this point, the ACT361 enters internal startup mode
with the peak current limit ramping up in 10ms.
After switching starts, the output voltage begins to
rise. The VDD bypass capacitor must supply the
ACT361 internal circuitry and the NPN base drive
until the output voltage is high enough to sustain
VDD through the auxiliary winding. The VDDOFF
threshold is 5.5V; therefore, the voltage on the VDD
capacitor must remain above 5.5V while the output
is charging up.
Constant Voltage (CV) Mode Operation
In constant voltage operation, the ACT361 captures
the auxiliary flyback signal at FB pin through a
resistor divider network R8 and R9 in Figure 6. The
signal at FB pin is pre-amplified against the internal
reference voltage, and the secondary side output
voltage is extracted based on Active-Semi's
proprietary filter architecture.
This error signal is then amplified by the internal
error amplifier. When the secondary output voltage
is above regulation, the error amplifier output
voltage decreases to reduce the switch current.
When the secondary output voltage is below
regulation, the error amplifier output voltage
increases to ramp up the switch current to bring the
secondary output back to regulation. The output
regulation voltage is determined by the following
relationship:
where RFB1 (R8) and RFB2 (R9) are top and bottom
feedback resistor, NS and NA are numbers of
transformer secondary and auxiliary turns, and VD
is the rectifier diode forward drop voltage at
approximately 0.1A bias.
Standby (No Load) Mode
In no load standby mode, the ACT361 oscillator
frequency is further reduced to a minimum
frequency while the current pulse is reduced to a
minimum level to minimize standby power. The
actual
minimum
switching
frequency
is
programmable with an output preload resistor.
Loop Compensation
The ACT361 integrates loop compensation circuitry
for simplified application design, optimized transient
response, and minimal external components.
Output Cable Resistance Compensation
The ACT361 provides programmable output cable
resistance compensation during constant voltage
regulation, monotonically adding an output voltage
correction up to predetermined percentage at full
power. There are four levels to program the output
cable compensation by connecting a resistor (R4 in
Figure 6) from the SW pin to VDD pin. The
percentage at full power is programmable to be 3%,
6%, 9% or 12%, and by using a resistor value of
300k, 150k, 75k or 33k respectively. If there is no
resistor connection, there is no cord compensation.
This feature allows for better output voltage
accuracy by compensating for the output voltage
droop due to the output cable resistance.
Constant Current (CC) Mode Operation
When the secondary output current reaches a level
set by the internal current limiting circuit, the
ACT361 enters current limit condition and causes
the secondary output voltage to drop. As the output
voltage decreases, so does the flyback voltage in a
proportional manner. An internal current shaping
circuitry adjusts the switching frequency based on
the flyback voltage so that the transferred power
remains proportional to the output voltage, resulting
FUNCTIONAL DESCRIPTION
(1)
D
A
S
2
FB
1
FB
OUTCV
V
N
N
R
R
1
V
20
.
2
V
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com